Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C22-12PMB Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # P4C22-12PMB
Description  ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P4C22-12PMB Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  P4C22-12PMB Datasheet HTML 1Page - List of Unclassifed Manufacturers P4C22-12PMB Datasheet HTML 2Page - List of Unclassifed Manufacturers P4C22-12PMB Datasheet HTML 3Page - List of Unclassifed Manufacturers P4C22-12PMB Datasheet HTML 4Page - List of Unclassifed Manufacturers P4C22-12PMB Datasheet HTML 5Page - List of Unclassifed Manufacturers P4C22-12PMB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
P4C422
*Military temperature range with MIL-STD-883, Class B compliance.
N/A = Not Available
25
20
-15DMB
-15LMB
-15FMB
SELECTION GUIDE
The P4C422 is available in the following temperature range, speed, and package options.
Temperature
Range
Package
Commercial
Temperature
Plastic DIP
SOIC
CERDIP
LCC
CERPACK
CERDIP
LCC
CERPACK
Military
Temperature
Military Pro-
cessed*
Speed (ns)
10
-10PC
-10SC
N/A
N/A
N/A
N/A
N/A
N/A
12
15
-12PC
-12SC
-15PC
-15SC
-20PC
-20SC
-25PC
-25SC
N/A
N/A
N/A
N/A
N/A
N/A
-15DM
-15LM
-15FM
-20DM
-20LM
-20FM
-25DM
-25LM
-25FM
-20DMB
-20LMB
-20FMB
-25DMB
-25LMB
-25FMB
ORDERING INFORMATION
Device Type
Package
Processing
P4C422
xx
xx
Speed
10,12,15, 25, 35 ns Commercial
15,20,25, 35 ns Military
256 x 4 SRAM
C
0
°C to +70°C
M
-55˚C to +125˚C
MB MIL-STD-883, Class B
D
CERDIP (400 mil)
L
Ceramic LCC (400 mil Square)
P
Plastic DIP (400 mil)
S
Plastic SOIC (300 mil)
F
CERPACK
The P4C422 is also available as SMD Number: 5962-88594
35
-35PC
-35SC
-35DM
-35LM
-35FM
-35DMB
-35LMB
-35FMB


Similar Part No. - P4C22-12PMB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1023 PYRAMID-P4C1023 Datasheet
335Kb / 11P
   LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
P4C1023-55CC PYRAMID-P4C1023-55CC Datasheet
335Kb / 11P
   LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
P4C1023-55CI PYRAMID-P4C1023-55CI Datasheet
335Kb / 11P
   LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
P4C1023-55CJC PYRAMID-P4C1023-55CJC Datasheet
335Kb / 11P
   LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
P4C1023-55CJI PYRAMID-P4C1023-55CJI Datasheet
335Kb / 11P
   LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
More results

Similar Description - P4C22-12PMB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C423 PYRAMID-P4C423 Datasheet
172Kb / 8P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P4C422 PYRAMID-P4C422 Datasheet
207Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P93U422 PYRAMID-P93U422 Datasheet
217Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P4C1299 PYRAMID-P4C1299 Datasheet
904Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1258 PYRAMID-P4C1258 Datasheet
174Kb / 9P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1026 PYRAMID-P4C1026 Datasheet
290Kb / 10P
   ULTRA HIGH SPEED 256K x 4 STATIC CMOS RAM
P4C150 PYRAMID-P4C150 Datasheet
214Kb / 11P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
List of Unclassifed Man...
P4C150 ETC1-P4C150 Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C147 PYRAMID-P4C147 Datasheet
188Kb / 10P
   ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com