Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS8180D18D-250 Datasheet(PDF) 1 Page - GSI Technology

Part # GS8180D18D-250
Description  18Mb Burst of 4 SigmaQuad SRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8180D18D-250 Datasheet(HTML) 1 Page - GSI Technology

  GS8180D18D-250 Datasheet HTML 1Page - GSI Technology GS8180D18D-250 Datasheet HTML 2Page - GSI Technology GS8180D18D-250 Datasheet HTML 3Page - GSI Technology GS8180D18D-250 Datasheet HTML 4Page - GSI Technology GS8180D18D-250 Datasheet HTML 5Page - GSI Technology GS8180D18D-250 Datasheet HTML 6Page - GSI Technology GS8180D18D-250 Datasheet HTML 7Page - GSI Technology GS8180D18D-250 Datasheet HTML 8Page - GSI Technology GS8180D18D-250 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Rev: 2.04 4/2005
1/28
© 2002, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS8180D18D-250/200/167/133/100
18Mb Burst of 4
SigmaQuad SRAM
250 MHz–100 MHz
1.8 V VDD
1.8 V or 1.5 V I/O
165-Bump BGA
Commercial Temp
Industrial Temp
Features
• Simultaneous Read and Write SigmaQuad™ Interface
• JEDEC-standard pinout and package
• Dual Double Data Rate interface
• Byte Write controls sampled at data-in time
• Burst of 4 Read and Write
• 1.8 V +150/–100 mV core power supply
• 1.5 V or 1.8 V HSTL Interface
• Pipelined read operation
• Fully coherent read and write pipelines
• ZQ mode pin for programmable output drive strength
• IEEE 1149.1 JTAG-compliant Boundary Scan
• 165-bump, 13 mm x 15 mm, 1 mm bump pitch BGA package
• Pin-compatible with future 36Mb, 72Mb, and 144Mb devices
• Pb-Free 165-bump BGA package available
SigmaRAM™ Family Overview
GS8180D18 are built in compliance with the SigmaQuad
SRAM pinout standard for Separate I/O synchronous SRAMs.
They are 18,874,368-bit (18Mb) SRAMs. These are the first in
a family of wide, very low voltage HSTL I/O SRAMs designed
to operate at the speeds needed to implement economical high
performance networking systems.
SigmaQuad SRAMs are offered in a number of configurations.
Some emulate and enhance other synchronous separate I/O
SRAMs. A higher performance SDR (Single Data Rate) Burst
of 2 version is also offered. The logical differences between
the protocols employed by these RAMs hinge mainly on
various combinations of address bursting, output data
registering, and write cueing. Along with the Common I/O
family of SigmaRAMs, the SigmaQuad family of SRAMs
allows a user to implement the interface protocol best suited to
the task at hand.
Clocking and Addressing Schemes
A Burst of 4 SigmaQuad SRAM is a synchronous device. It
employs two input register clock inputs, K and K. K and K are
independent single-ended clock inputs, not differential inputs
to a single differential clock input buffer. The device also
allows the user to manipulate the output register clock inputs
quasi independently with the C and C clock inputs. C and C are
also independent single-ended clock inputs, not differential
inputs. If the C clocks are tied high, the K clocks are routed
internally to fire the output registers instead.
Because Separate I/O Burst of 4 RAMs always transfer data in
four packets, A0 and A1 are internally set to 0 for the first read
Parameter Synopsis
-250
-200
-167
-133
-100
tKHKH
4.0 ns
5.0 ns
6.0 ns
7.5 ns
10 ns
tKHQV
2.1 ns
2.3 ns
2.5 ns
3.0 ns
3.0 ns


Similar Part No. - GS8180D18D-250

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8180DV18D GSI-GS8180DV18D Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8180DV18D-100 GSI-GS8180DV18D-100 Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8180DV18D-100I GSI-GS8180DV18D-100I Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8180DV18D-133 GSI-GS8180DV18D-133 Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8180DV18D-133I GSI-GS8180DV18D-133I Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
More results

Similar Description - GS8180D18D-250

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8180DV18D GSI-GS8180DV18D Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8182D19BD-375I GSI-GS8182D19BD-375I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D19BD-435I GSI-GS8182D19BD-435I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BD-435 GSI-GS8182D37BD-435 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D09BGD-333 GSI-GS8182D09BGD-333 Datasheet
726Kb / 36P
   18Mb SigmaQuad-IITM Burst of 4 SRAM
GS8182D19BGD-333 GSI-GS8182D19BGD-333 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BGD-375 GSI-GS8182D37BGD-375 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D18D GSI-GS8182D18D Datasheet
772Kb / 27P
   18Mb Burst of 4 SigmaQuad-II SRAM
GS8182D37BD-400 GSI-GS8182D37BD-400 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D08BD-167I GSI-GS8182D08BD-167I Datasheet
726Kb / 36P
   18Mb SigmaQuad-IITM Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com