Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT241PWDH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ABT241PWDH
Description  Octal buffer/line driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT241PWDH Datasheet(HTML) 2 Page - NXP Semiconductors

  74ABT241PWDH Datasheet HTML 1Page - NXP Semiconductors 74ABT241PWDH Datasheet HTML 2Page - NXP Semiconductors 74ABT241PWDH Datasheet HTML 3Page - NXP Semiconductors 74ABT241PWDH Datasheet HTML 4Page - NXP Semiconductors 74ABT241PWDH Datasheet HTML 5Page - NXP Semiconductors 74ABT241PWDH Datasheet HTML 6Page - NXP Semiconductors 74ABT241PWDH Datasheet HTML 7Page - NXP Semiconductors 74ABT241PWDH Datasheet HTML 8Page - NXP Semiconductors 74ABT241PWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ABT241
Octal buffer/line driver (3-State)
2
1998 Jan 16
853–1456 18867
FEATURES
Octal bus interface
3-State buffers
Power-up 3-State
Output capability: +64mA/–32mA
Latch-up protection exceeds 500mA per Jedec Std 17
ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
Inputs are disabled during 3-State mode
DESCRIPTION
The 74ABT241 high-performance BiCMOS device combines low
static and dynamic power dissipation with high speed and high
output drive.
The 74ABT241 device is an octal buffer that is ideal for driving bus
lines. The device features two Output Enables (1OE, 2OE), each
controlling four of the 3-State outputs.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Yn
CL = 50pF; VCC = 5V
2.6
2.7
ns
CIN
Input capacitance
VI = 0V or VCC
3
pF
COUT
Output capacitance
Outputs disabled; VO = 0V or VCC
7
pF
ICCZ
Total supply current
Outputs disabled; VCC = 5.5V
50
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
20-Pin Plastic DIP
–40
°C to +85°C
74ABT241 N
74ABT241 N
SOT146-1
20-Pin plastic SO
–40
°C to +85°C
74ABT241 D
74ABT241 D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT241 DB
74ABT241 DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT241 PW
74ABT241PW DH
SOT360-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1OE
1A0
2Y0
1A1
2Y1
1A2
2Y2
1A3
2Y3
1Y3
GND
2A2
1Y2
2A1
1Y1
2A0
1Y0
2OE
VCC
2A3
SA00038
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
2, 4, 6, 8
1A0 – 1A3
Data inputs
17, 15, 13, 11
2A0 – 2A3
Data inputs
18, 16, 14, 12
1Y0 – 1Y3
Data outputs
3, 5, 7, 9
2Y0 – 2Y3
Data outputs
1, 19
1OE, 2OE
Output enables
10
GND
Ground (0V)
20
VCC
Positive supply voltage


Similar Part No. - 74ABT241PWDH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT241 FAIRCHILD-74ABT241 Datasheet
94Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT241CMSA FAIRCHILD-74ABT241CMSA Datasheet
94Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT241CMTC FAIRCHILD-74ABT241CMTC Datasheet
94Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT241CSC FAIRCHILD-74ABT241CSC Datasheet
94Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT241CSJ FAIRCHILD-74ABT241CSJ Datasheet
94Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74ABT241PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com