Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS399CSEE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PS399CSEE
Description  Precision 8-Ch, Diff. 4-Ch, 17V Analog Multiplexers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS399CSEE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PS399CSEE Datasheet HTML 1Page - Pericom Semiconductor Corporation PS399CSEE Datasheet HTML 2Page - Pericom Semiconductor Corporation PS399CSEE Datasheet HTML 3Page - Pericom Semiconductor Corporation PS399CSEE Datasheet HTML 4Page - Pericom Semiconductor Corporation PS399CSEE Datasheet HTML 5Page - Pericom Semiconductor Corporation PS399CSEE Datasheet HTML 6Page - Pericom Semiconductor Corporation PS399CSEE Datasheet HTML 7Page - Pericom Semiconductor Corporation PS399CSEE Datasheet HTML 8Page - Pericom Semiconductor Corporation PS399CSEE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
PS8185F
09/28/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS398/PS399
Precision 8-Ch, Diff. 4-Ch, 17V Analog Multiplexers
PS398
A2
A1
A0
EN
On Switch
X
X
X
0
None
0
0
0
1
1
0
0
1
1
2
0
1
0
1
3
0
1
1
1
4
1
0
0
1
5
1
0
1
1
6
1
1
0
1
7
1
1
1
1
8
Caution: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating
and operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied.
ThermalInformation
Continuous Power Dissipation
SOIC (derate 8.7mW/ °C above +70°C) ........................... 650mW
Storage Temperature ........................................ –65°Cto+150°C
Lead Temperature (soldering, 10s) .................................. +300°C
Note 1: Signals on NO, COM, or logic inputs exceeding V+ or V- are
clamped by internal diodes. Limit forward diode current to 30mA.
Absolute Maximum Ratings
Voltages Referenced to V-
V+ ....................................................................... -0.3V to + 17V
GND .................................................................... -0.3V to + 17V
GND ........................................................... -0.3V to ( V+) + 0.3V
VIN, VCOM, VNO (Note 1) ................... (V-) -2V to (V+) + 2V
or 30mA, whichever occurs first
Current (any terminal ) ......................................................... 30mA
Peak Current, COM, NO, NC
(pulsed at 1ms, 10% duty cycle) ..................................... 100mA
ESD per method 3015.7 .................................................. >2000V
Truth Tables
9
9
3
S
P
1
A0
AN
Eh
c
t
i
w
S
N
O
XX
0
e
n
o
N
00
1
1
01
1
2
10
1
3
111
4
Logic “0”, VAL
≤ 0.8V
Logic “1”, VAH
≥ 2.4V


Similar Part No. - PS399CSEE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
   Precision, Quad, SPST, Analog Switches
PS391 PERICOM-PS391 Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
PS391 PERICOM-PS391 Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
More results

Similar Description - PS399CSEE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9408 VISHAY-DG9408 Datasheet
121Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. A, 05-Aug-02
DG9408 VISHAY-DG9408_11 Datasheet
228Kb / 16P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. C, 20-Jun-11
DG3408 VISHAY-DG3408_11 Datasheet
148Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 28-Feb-11
DG3408 VISHAY-DG3408 Datasheet
170Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 30-Apr-07
DG408L VISHAY-DG408L_11 Datasheet
216Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. G, 30-May-11
DG408L VISHAY-DG408L_V01 Datasheet
277Kb / 16P
   Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG408L VISHAY-DG408L Datasheet
93Kb / 11P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 07-Apr-03
DG408L VISHAY-DG408L_08 Datasheet
157Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 25-Jun-07
DG3408 VISHAY-DG3408_V01 Datasheet
215Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG9408 VISHAY-DG9408_08 Datasheet
178Kb / 13P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. B, 07-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com