Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS8150V36AB-333I Datasheet(PDF) 8 Page - GSI Technology

Part # GS8150V36AB-333I
Description  1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8150V36AB-333I Datasheet(HTML) 8 Page - GSI Technology

Back Button GS8150V36AB-333I Datasheet HTML 4Page - GSI Technology GS8150V36AB-333I Datasheet HTML 5Page - GSI Technology GS8150V36AB-333I Datasheet HTML 6Page - GSI Technology GS8150V36AB-333I Datasheet HTML 7Page - GSI Technology GS8150V36AB-333I Datasheet HTML 8Page - GSI Technology GS8150V36AB-333I Datasheet HTML 9Page - GSI Technology GS8150V36AB-333I Datasheet HTML 10Page - GSI Technology GS8150V36AB-333I Datasheet HTML 11Page - GSI Technology GS8150V36AB-333I Datasheet HTML 12Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
GS8150V18/36AB-357/333/300/250
Product Preview
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2005
8/25
© 2003, GSI Technology
HSTL I/O DC Input Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Notes
DC Input Logic High
VIH (dc)
VREF + 100
VDDQ + 300
mV
DC Input Logic Low
VIL (dc)
–300
VREF – 100
mV
DC Clock Input Differential Voltage
VDIF (dc)
100
VDDQ + 300
mV
2
VREF DC Voltage
VREF (dc)
VDDQ /2 – 0.1
VDDQ /2 + 0.1
V
1
Clock Input Voltag
VCK (dc)
–300
VDDQ + 300
V
Clock Input Commone Mode Voltage
VCM (dc)
600
750
900
V
Notes:
1. The peak to peak AC component superimposed on VREF may not exceed 5% of the DC component of VREF.
2. SRAM performance is a function of clock input differential voltage (VDIF).
3. To guarantee AC characteristics, VIH,VIL,Trise and Tfall of inputs and clocks must be within 10% of each other.
4. For devices supplied with HSTL I/O input buffers.Compatible with both 1.8 V and 1.5 V I/O drivers.
5. See AC Input Definition drawing below.
HSTL I/O AC Input Characteristics
Parameter
Symbol
Min
Max
Units
Notes
AC Input Logic High
VIH (ac)
VREF + 200
mV
3,4
AC Input Logic Low
VIL (ac)
VREF – 200
mV
3,4
AC Clock Input Differential Voltage
VDIF (ac)
800
mV
2,3
VREF Peak to Peak AC Voltage
VREF (ac)
5% VREF (DC)
mV
1
Notes:
1. The peak to peak AC component superimposed on VREF may not exceed 5% of the DC component of VREF.
2. SRAM performance is a function of clock input differential voltage (VDIF). The RAM can be operated with a single ended clocking with
either CK or CK tied to VREF.
3. To guarantee AC characteristics, VIH,VIL,Trise and Tfall of inputs and clocks must be within 10% of each other.
4. For devices supplied with HSTL I/O input buffers.Compatible with both 1.8 V and 1.5 V I/O drivers.
5. See AC Input Definition drawing below.


Similar Part No. - GS8150V36AB-333I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS815018AB GSI-GS815018AB Datasheet
992Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS815018AB-250 GSI-GS815018AB-250 Datasheet
992Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS815018AB-250I GSI-GS815018AB-250I Datasheet
992Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS815018AB-300 GSI-GS815018AB-300 Datasheet
992Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS815018AB-300I GSI-GS815018AB-300I Datasheet
992Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
More results

Similar Description - GS8150V36AB-333I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS815018AB GSI-GS815018AB Datasheet
992Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
logo
Cypress Semiconductor
CY7C1330AV25 CYPRESS-CY7C1330AV25 Datasheet
397Kb / 19P
   18-Mbit (512K x 36/1Mbit x 18) Pipelined Register-Register Late Write
logo
GSI Technology
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
logo
Cypress Semiconductor
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
logo
GSI Technology
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BT-V GSI-GS8160E18BT-V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com