Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS840H36AT-150I Datasheet(PDF) 8 Page - GSI Technology

Part # GS840H36AT-150I
Description  256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS840H36AT-150I Datasheet(HTML) 8 Page - GSI Technology

Back Button GS840H36AT-150I Datasheet HTML 4Page - GSI Technology GS840H36AT-150I Datasheet HTML 5Page - GSI Technology GS840H36AT-150I Datasheet HTML 6Page - GSI Technology GS840H36AT-150I Datasheet HTML 7Page - GSI Technology GS840H36AT-150I Datasheet HTML 8Page - GSI Technology GS840H36AT-150I Datasheet HTML 9Page - GSI Technology GS840H36AT-150I Datasheet HTML 10Page - GSI Technology GS840H36AT-150I Datasheet HTML 11Page - GSI Technology GS840H36AT-150I Datasheet HTML 12Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
GS840H18/32/36AT/B-180/166/150/100
Rev: 1.11 10/2004
8/30
© 1999, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS840H36A Pad Out—119-Bump BGA—Top View (Package B)
1234567
A
VDDQ
A
A
ADSP
AA
VDDQ
B
NC
E2
AADSC
AE3
NC
C
NC
A
A
VDD
AA
NC
D
DQC
DQPC
VSS
NC
VSS
DQPB
DQB
E
DQC
DQC
VSS
E1
VSS
DQB
DQB
F
VDDQ
DQC
VSS
G
VSS
DQB
VDDQ
G
DQC2
DQC
BC
ADV
BB
DQB
DQB2
H
DQC
DQC
VSS
GW
VSS
DQB
DQB
J
VDDQ
VDD
NC
VDD
NC
VDD
VDDQ
K
DQD
DQD
VSS
CK
VSS
DQA
DQA
L
DQD
DQD
BD
NC
BA
DQA
DQA
M
VDDQ
DQD
VSS
BW
VSS
DQA
VDDQ
N
DQD
DQD
VSS
A1
VSS
DQA
DQA
P
DQD
DQPD
VSS
A0
VSS
DQPA
DQA
R
NC
A
LBO
VDD
FT
ANC
T
NC
NC
A
A
A
NC
ZZ
U
VDDQ
NC
NC
NC
NC
NC
VDDQ


Similar Part No. - GS840H36AT-150I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS84018 GSI-GS84018 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018AB-100 GSI-GS84018AB-100 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018AB-100I GSI-GS84018AB-100I Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018AB-150 GSI-GS84018AB-150 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018AB-150I GSI-GS84018AB-150I Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
More results

Similar Description - GS840H36AT-150I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS840E18T GSI-GS840E18T Datasheet
631Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840FH18AT GSI-GS840FH18AT Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018T GSI-GS84018T Datasheet
629Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E18AT GSI-GS840E18AT Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840F18AT GSI-GS840F18AT Datasheet
554Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018 GSI-GS84018 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com