Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS882Z18AB-250I Datasheet(PDF) 16 Page - GSI Technology

Part # GS882Z18AB-250I
Description  9Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS882Z18AB-250I Datasheet(HTML) 16 Page - GSI Technology

Back Button GS882Z18AB-250I Datasheet HTML 12Page - GSI Technology GS882Z18AB-250I Datasheet HTML 13Page - GSI Technology GS882Z18AB-250I Datasheet HTML 14Page - GSI Technology GS882Z18AB-250I Datasheet HTML 15Page - GSI Technology GS882Z18AB-250I Datasheet HTML 16Page - GSI Technology GS882Z18AB-250I Datasheet HTML 17Page - GSI Technology GS882Z18AB-250I Datasheet HTML 18Page - GSI Technology GS882Z18AB-250I Datasheet HTML 19Page - GSI Technology GS882Z18AB-250I Datasheet HTML 20Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
GS882Z18/36AB/D-250/225/200/166/150/133
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 11/2004
16/35
© 2001, GSI Technology
Note:
These parameters are sample tested.
Capacitance
(TA = 25oC, f = 1 MHZ, VDD = 2.5 V)
Parameter
Symbol
Test conditions
Typ.
Max.
Unit
Input Capacitance
CIN
VIN = 0 V
45
pF
Input/Output Capacitance
CI/O
VOUT = 0 V
67
pF
AC Test Conditions
Parameter
Conditions
Input high level
VDD – 0.2 V
Input low level
0.2 V
Input slew rate
1 V/ns
Input reference level
VDD/2
Output reference level
VDDQ/2
Output load
Fig. 1
Notes:
1. Include scope and jig capacitance.
2. Test conditions as specified with output loading as shown in Fig. 1
unless otherwise noted.
3. Device is deselected as defined by the Truth Table.
50% tKC
VSS – 2.0 V
50%
VSS
VIH
Undershoot Measurement and Timing
Overshoot Measurement and Timing
50% tKC
VDD + 2.0 V
50%
VDD
VIL
DQ
VDDQ/2
50
30pF*
Output Load 1
* Distributed Test Jig Capacitance


Similar Part No. - GS882Z18AB-250I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS882Z18B GSI-GS882Z18B Datasheet
621Kb / 34P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
logo
List of Unclassifed Man...
GS882Z18B-100 ETC-GS882Z18B-100 Datasheet
802Kb / 34P
   8Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS882Z18B-100I ETC-GS882Z18B-100I Datasheet
802Kb / 34P
   8Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS882Z18B-11 ETC-GS882Z18B-11 Datasheet
802Kb / 34P
   8Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS882Z18B-11I ETC-GS882Z18B-11I Datasheet
802Kb / 34P
   8Mb Pipelined and Flow Through Synchronous NBT SRAMs
More results

Similar Description - GS882Z18AB-250I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881Z18B GSI-GS881Z18B Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18-V GSI-GS880Z18-V Datasheet
933Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18BB-V GSI-GS882Z18BB-V Datasheet
1Mb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882ZV18BB GSI-GS882ZV18BB Datasheet
881Kb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880ZV18BT GSI-GS880ZV18BT Datasheet
573Kb / 23P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18B GSI-GS882Z18B Datasheet
621Kb / 34P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18BT GSI-GS880Z18BT Datasheet
591Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z18AT GSI-GS881Z18AT Datasheet
707Kb / 31P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z18BT-V GSI-GS881Z18BT-V Datasheet
1Mb / 37P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18AT-133 GSI-GS880Z18AT-133 Datasheet
753Kb / 25P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com