Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT241 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ABT241
Description  Octal buffer/line driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT241 Datasheet(HTML) 3 Page - NXP Semiconductors

  74ABT241 Datasheet HTML 1Page - NXP Semiconductors 74ABT241 Datasheet HTML 2Page - NXP Semiconductors 74ABT241 Datasheet HTML 3Page - NXP Semiconductors 74ABT241 Datasheet HTML 4Page - NXP Semiconductors 74ABT241 Datasheet HTML 5Page - NXP Semiconductors 74ABT241 Datasheet HTML 6Page - NXP Semiconductors 74ABT241 Datasheet HTML 7Page - NXP Semiconductors 74ABT241 Datasheet HTML 8Page - NXP Semiconductors 74ABT241 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74ABT241
Octal buffer/line driver (3-State)
1998 Jan 16
3
LOGIC SYMBOL (IEEE/IEC)
1
2
18
4
16
6
14
812
19
17
3
15
5
13
7
11
9
EN
EN
SA00040
LOGIC SYMBOL
1OE
1
1A0
2
1A1
4
1A2
6
1A3
8
2OE
19
2A0
17
2A1
18
15
2A2
13
16
2A3
11
14
12
1Y0
1Y1
1Y2
1Y3
2Y0
2Y1
2Y2
2Y3
3
5
7
9
SA00039
FUNCTION TABLE
INPUTS
OUTPUTS
1OE
1An
2OE
2An
1Yn
2Yn
L
L
H
L
L
L
L
H
H
H
H
H
H
X
L
X
Z
Z
H = High voltage level
L
= Low voltage level
X = Don’t care
Z = High impedance ”off” state
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +7.0
V
IIK
DC input diode current
VI < 0
–18
mA
VI
DC input voltage3
–1.2 to +7.0
V
IOK
DC output diode current
VO < 0
–50
mA
VOUT
DC output voltage3
output in Off or High state
–0.5 to +5.5
V
IOUT
DC output current
output in Low state
128
mA
Tstg
Storage temperature range
–65 to 150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.


Similar Part No. - 74ABT241

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT241 FAIRCHILD-74ABT241 Datasheet
94Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT241CMSA FAIRCHILD-74ABT241CMSA Datasheet
94Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT241CMTC FAIRCHILD-74ABT241CMTC Datasheet
94Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT241CSC FAIRCHILD-74ABT241CSC Datasheet
94Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT241CSJ FAIRCHILD-74ABT241CSJ Datasheet
94Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74ABT241

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com