Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3CH480L Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3CH480L
Description  Low Voltage, High-Bandwidth, 4-Channel 2:1 Mux/Demux, NanoSwitch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3CH480L Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3CH480L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3CH480L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3CH480L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3CH480L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3CH480L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3CH480L Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3CH480L Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3CH480L Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
PS8728A
04/23/04
PI3CH480
Low Voltage, High-Bandwidth, 4-Channel
2:1 Mux/Demux, NanoSwitch™
Test Circuit for Electrical Characteristics(1)
Notes:
1. CL = Load capacitance: includes jig and probe capacitance.
2. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator
3. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
4. All input impulses are supplied by generators having the following characteristics: PRR ≤ MHz, ZO = 50Ω, tR ≤ 2.5ns, tF ≤ 2.5ns.
5. The outputs are measured one at a time with one transition per measurement.
Switch Positions
Test Circuit for Dynamic Electrical Characteristics
RT
10pF
CL
VCC
VIN
VOUT
200
200
6.0V
Pulse
Generator
D.U.T
VCC
D.U.T
T1
R1
S1
HP11667A
50
10
pF
HP4195A
Test
Switch
tPLZ, tPZL
6.0V
tPHZ, tPZH
GND
Prop Delay
Open


Similar Part No. - PI3CH480L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3CH480LE PERICOM-PI3CH480LE Datasheet
430Kb / 8P
   4-Channel 2:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH480LEX PERICOM-PI3CH480LEX Datasheet
430Kb / 8P
   4-Channel 2:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
logo
Diodes Incorporated
PI3CH480LEX DIODES-PI3CH480LEX Datasheet
824Kb / 11P
   4-Channel 2:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
November 2018
More results

Similar Description - PI3CH480L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3CH360 PERICOM-PI3CH360 Datasheet
436Kb / 9P
   Low Voltage, High-Bandwidth, 3-Channel 2:1 Mux/DeMux, NanoSwitch
PI3CH281 PERICOM-PI3CH281 Datasheet
490Kb / 9P
   Low Voltage, High Bandwidth, 2-Channel, 4:1 Mux/DeMux, NanoSwitch with Single Enable
PI3B3257QEX PERICOM-PI3B3257QEX Datasheet
706Kb / 7P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
PI3B3257A PERICOM-PI3B3257A_11 Datasheet
469Kb / 4P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3B3257A PERICOM-PI3B3257A Datasheet
313Kb / 4P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
logo
Diodes Incorporated
PI3B3257 DIODES-PI3B3257_V01 Datasheet
1Mb / 8P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
April 2018
logo
Pericom Semiconductor C...
PI3B16224 PERICOM-PI3B16224 Datasheet
100Kb / 3P
   DeMux/Mux NanoSwitch
logo
Diodes Incorporated
PI3B3253ZHDEX DIODES-PI3B3253ZHDEX Datasheet
649Kb / 7P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
September 2017
logo
Pericom Semiconductor C...
PI3B3253 PERICOM-PI3B3253 Datasheet
354Kb / 5P
   Mux/DeMux NanoSwitch?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com