Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3CH480 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3CH480
Description  Low Voltage, High-Bandwidth, 4-Channel 2:1 Mux/Demux, NanoSwitch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3CH480 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI3CH480 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3CH480 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3CH480 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3CH480 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3CH480 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3CH480 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3CH480 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3CH480 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
PS8728A
04/23/04
PI3CH480
Low Voltage, High-Bandwidth, 4-Channel
2:1 Mux/Demux, NanoSwitch™
Applications Information
Logic Inputs
The logic control inputs can be driven upto 3.6Vregardless of the supply voltage. For example, given a +3.3V supply, EN maybe
driven LOW to 0V and HIGH to 3.6V. Driving EN Rail-to-Rail® minimizes power consumption.
Power Supply-Sequencing
Proper power supply sequencing is recommended for all CMOS devices. Always apply VCC before applying signals to the input/
output or control pins.
Hot Insertion
For Datacom and Telecom applications that have ten or more volts passing through the backplane, a high voltage from the power
supply may be seen at the device input pins during hot insertion. The PI3CHxx devices have maximum limits of 6V and 120mA for
20ns. If the power is higher or applied for a longer time or repeatedly reaches the maximum limits, the devices can be damaged.
Packaging Mechanical: 16-pin QSOP (Q)
.189
.197
.053
.069
.004
.010
SEATING
PLANE
.025
BSC
.007
.010
.228
.244
1
16
.150
.157
.016
.050
X.XX
X.XX
DENOTES DIMENSIONS IN MILLIMETERS
0.635
4.80
5.00
1.35
1.75
5.79
6.19
0.101
0.254
.008
.012
0.203
0.305
3.81
3.99
0.178
0.254
0.38
0.41
1.27
.008
0.203
.015 x 45
°
REF
Detail A
Detail A
.008
0.20
MIN.
Guage Plane
.010
0.254
.041
1.04
REF
.016
.035
0.41
0.89
0˚-6˚
.008
.013
0.20
0.33


Similar Part No. - PI3CH480

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3CH480 DIODES-PI3CH480 Datasheet
824Kb / 11P
   4-Channel 2:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
November 2018
logo
Pericom Semiconductor C...
PI3CH480LE PERICOM-PI3CH480LE Datasheet
430Kb / 8P
   4-Channel 2:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH480LEX PERICOM-PI3CH480LEX Datasheet
430Kb / 8P
   4-Channel 2:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
logo
Diodes Incorporated
PI3CH480LEX DIODES-PI3CH480LEX Datasheet
824Kb / 11P
   4-Channel 2:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
November 2018
logo
Pericom Semiconductor C...
PI3CH480QE PERICOM-PI3CH480QE Datasheet
430Kb / 8P
   4-Channel 2:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
More results

Similar Description - PI3CH480

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3CH360 PERICOM-PI3CH360 Datasheet
436Kb / 9P
   Low Voltage, High-Bandwidth, 3-Channel 2:1 Mux/DeMux, NanoSwitch
PI3CH281 PERICOM-PI3CH281 Datasheet
490Kb / 9P
   Low Voltage, High Bandwidth, 2-Channel, 4:1 Mux/DeMux, NanoSwitch with Single Enable
PI3B3257QEX PERICOM-PI3B3257QEX Datasheet
706Kb / 7P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
PI3B3257A PERICOM-PI3B3257A_11 Datasheet
469Kb / 4P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3B3257A PERICOM-PI3B3257A Datasheet
313Kb / 4P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
logo
Diodes Incorporated
PI3B3257 DIODES-PI3B3257_V01 Datasheet
1Mb / 8P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
April 2018
logo
Pericom Semiconductor C...
PI3B16224 PERICOM-PI3B16224 Datasheet
100Kb / 3P
   DeMux/Mux NanoSwitch
logo
Diodes Incorporated
PI3B3253ZHDEX DIODES-PI3B3253ZHDEX Datasheet
649Kb / 7P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
September 2017
logo
Pericom Semiconductor C...
PI3B3253 PERICOM-PI3B3253 Datasheet
354Kb / 5P
   Mux/DeMux NanoSwitch?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com