Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ABT2245 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. 74ABT2245
Description  Octal transceiver with direction pin with 30ohm series termination resistors 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT2245 Datasheet(HTML) 5 Page - NXP Semiconductors

  74ABT2245 Datasheet HTML 1Page - NXP Semiconductors 74ABT2245 Datasheet HTML 2Page - NXP Semiconductors 74ABT2245 Datasheet HTML 3Page - NXP Semiconductors 74ABT2245 Datasheet HTML 4Page - NXP Semiconductors 74ABT2245 Datasheet HTML 5Page - NXP Semiconductors 74ABT2245 Datasheet HTML 6Page - NXP Semiconductors 74ABT2245 Datasheet HTML 7Page - NXP Semiconductors 74ABT2245 Datasheet HTML 8Page - NXP Semiconductors 74ABT2245 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74ABT2245
Octal transceiver with direction pin
and 30
Ω series termination resistors (3-State)
1998 Jan 16
5
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = –40°C
to +85
°C
UNIT
Min
Typ
Max
Min
Max
VIK
Input clamp voltage
VCC = 4.5V; IIK = –18mA
–0.9
–1.2
–1.2
V
VCC = 4.5V; IOH = –3mA; VI = VIL or VIH
2.5
2.9
2.5
V
VOH
High-level output voltage
VCC = 5.0V; IOH = –3mA; VI = VIL or VIH
3.0
3.4
3.0
V
VCC = 4.5V; IOH = –32mA; VI = VIL or VIH
2.0
2.4
2.0
V
VO
Low level output voltage
VCC = 4.5V; IOL = 5mA; VI = VIL or VIH
0.32
0.55
0.55
V
VOL
Low-level output voltage
VCC = 4.5V; IOL = 12mA; VI = VIL or VIH
0.5
0.8
0.8
V
I
Input leakage
Control pins
VCC = 5.5V; VI = GND or 5.5V
±0.01
±1.0
±1.0
µA
II
g
current
Data pins
VCC = 5.5V; VI = GND or 5.5V
±5
±100
±100
µA
IOFF
Power-off leakage current
VCC = 0.0V; VI or VO ≤ 4.5V
±5.0
±100
±100
µA
IPU/IPD
Power-up/down 3-State
output current3
VCC = 2.1V; VO = 0.5V; VI = GND or VCC;
V OE = Don’t care
±5.0
±50
±50
µA
IIH + IOZH
3-State output High current
VCC = 5.5V; VO = 2.7V; VI = VIL or VIH
5.0
50
50
µA
IIL + IOZL
3-State output Low current
VCC = 5.5V; VO = 0.5V; VI = VIL or VIH
–5.0
–50
–50
µA
ICEX
Output high leakage current
VCC = 5.5V; VO = 5.5V; VI = GND or VCC
5.0
50
50
µA
IO
Output current1
VCC = 5.5V; VO = 2.5V
–40
–100
–180
–40
–180
mA
ICCH
VCC = 5.5V; Outputs High, VI = GND or VCC
50
250
250
µA
ICCL
Quiescent supply current
VCC = 5.5V; Outputs Low, VI = GND or VCC
24
30
30
mA
ICCZ
Quiescent su
ly current
VCC = 5.5V; Outputs 3-State;
VI = GND or VCC
50
250
250
µA
Outputs enabled, one input at 3.4V, other
inputs at VCC or GND; VCC = 5.5V
0.5
1.5
1.5
mA
∆ICC
Additional supply current per
input pin2
Outputs 3-State, one data input at 3.4V,
other inputs at VCC or GND; VCC = 5.5V
50
250
250
µA
Outputs 3-State, one enable input at 3.4V,
other inputs at VCC or GND; VCC = 5.5V
0.5
1.5
1.5
mA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
3. This parameter is valid for any VCC between 0V and 2.1V with a transition time of up to 10msec. From VCC = 2.1V to VCC = 5V ± 10%, a
transition time of up to 100
µsec is permitted.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn