Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

74ABT20 Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. 74ABT20
Description  Dual 4-input NAND gate
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74ABT20 Datasheet(HTML) 1 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Philips Semiconductors
Product specification
74ABT20
Dual 4-input NAND gate
1
1995 Sep 22
853-1811 15793
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C;
GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation
delay
An, Bn, Cn, Dn
to Yn
CL = 50pF;
VCC = 5V
2.7
2.2
ns
tOSLH
tOSHL
Output to
Output skew
CC
0.3
ns
CIN
Input
capacitance
VI = 0V or VCC
3
pF
ICC
Total supply
current
Outputs disabled;
VCC = 5.5V
50
µA
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
B1
A1
Y1
NC
D1
C1
A0
B0
Y0
NC
C0
D0
SA00350
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
NAME AND FUNCTION
1, 2, 4, 5, 9,
10, 12, 13
An, Bn,
Cn, Dn
Data inputs
6, 8
Yn
Data outputs
7
GND
Ground (0V)
14
VCC
Positive supply voltage
LOGIC SYMBOL
D0
A1
B1
A0
B0
C0
C1
D1
Y0Y1
68
12
45
9
10
12
13
VCC = Pin 14
GND = Pin 7
SA00351
LOGIC DIAGRAM
VCC = Pin 14
GND = Pin 7
SA00352
Y0
6
1
2
4
A0
B0
C0
5
D0
Y1
8
9
10
12
A1
B1
C1
13
D1
LOGIC SYMBOL (IEEE/IEC)
SF00068
&
6
8
1
2
4
5
9
10
12
13
FUNCTION TABLE
INPUTS
OUTPUT
An
Bn
Cn
Dn
Yn
L
X
X
X
H
X
L
X
X
H
X
X
L
X
H
X
X
X
L
H
H
H
H
H
L
NOTES:
H = High voltage level
L
= Low voltage level
X = Don’t care
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
14-Pin Plastic DIP
–40
°C to +85°C
74ABT20 N
74ABT20 N
SOT27-1
14-Pin plastic SO
–40
°C to +85°C
74ABT20 D
74ABT20 D
SOT108-1
14-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT20 DB
74ABT20 DB
SOT337-1
14-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT20 PW
74ABT20PW DH
SOT402-1


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HD14012BDual 4-input NAND Gate 1 2 3 4 5 MoreHitachi Semiconductor
74LVQ20DUAL 4-INPUT NAND GATE 1 2 3 4 5 MoreSTMicroelectronics
IN74AC20DUAL 4-INPUT NAND GATE High-Speed Silicon-Gate CMOS 1 2 3 4 Integral Corp.
54AC20Dual 4-Input NAND Gate 1 2 3 4 5 MoreNational Semiconductor (TI)
HEF4012BDual 4-input NAND gate 1 2 3 NXP Semiconductors
CD74HC20High Speed CMOS Logic Dual 4-Input NAND Gate 1 2 3 4 5 MoreTexas Instruments
ACTS20MSRadiation Hardened Dual 4-Input NAND Gate 1 Intersil Corporation
MC74AC20Dual 4-Input NAND Gate 1 2 3 4 5 Motorola, Inc
74ALS20ADual 4-Input NAND gate 1 2 3 4 5 MoreNXP Semiconductors
MM74HC20Dual 4-Input NAND Gate 1 2 3 4 National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn