Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSD32M64F8K Datasheet(PDF) 2 Page - Hanbit Electronics Co.,Ltd

Part # HSD32M64F8K
Description  Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM, based on16Mx8,4Banks, 4K Ref., 3.3V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD32M64F8K Datasheet(HTML) 2 Page - Hanbit Electronics Co.,Ltd

  HSD32M64F8K Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HSD32M64F8K Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HSD32M64F8K Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD32M64F8K Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD32M64F8K Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD32M64F8K Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD32M64F8K Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD32M64F8K Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD32M64F8K Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HANBit
HSD32M64F8K
URL:www.hbe.co.kr
- 2 -
HANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
PIN ASSIGNMENT
P1
P2
PIN
Symbol
PIN
Symbol
PIN
Symbol
PIN
Symbol
PIN
Symbol
PIN
Symbol
1
Vcc
29
/CS3
57
/RAS
1
Vss
29
A3
57
A6
2
DQ32
30
Vcc
58
/CS0
2
DQ16
30
Vss
58
A5
3
DQ33
31
Vss
59
/CS1
3
DQ17
31
Vcc
59
A4
4
DQ34
32
DQ0
60
Vss
4
DQ18
32
DQ48
60
Vcc
5
DQ35
33
DQ1
5
DQ19
33
DQ49
6
DQ36
34
DQ2
6
DQ20
34
DQ50
7
DQ37
35
DQ3
7
DQ21
35
DQ51
8
DQ38
36
DQ4
8
DQ22
36
DQ52
9
DQ39
37
DQ5
9
DQ23
37
DQ53
10
Vcc
38
DQ6
10
Vss
38
DQ54
11
DQ40
39
DQ7
11
DQ24
39
DQ55
12
DQ41
40
Vss
12
DQ25
40
Vcc
13
DQ42
41
DQ8
13
DQ26
41
DQ56
14
DQ43
42
DQ9
14
DQ27
42
DQ57
15
DQ44
43
DQ10
15
DQ28
43
DQ58
16
DQ45
44
DQ11
16
DQ29
44
DQ59
17
DQ46
45
DQ12
17
DQ30
45
DQ60
18
DQ47
46
DQ13
18
DQ31
46
DQ61
19
Vcc
47
DQ14
19
Vss
47
DQ62
20
DQM4
48
DQ15
20
DQM2
48
DQ63
21
DQM5
49
Vss
21
DQM3
49
Vcc
22
REGE
50
DQM0
22
NC
50
DQM6
23
CKE0
51
DQM1
23
BA0
51
DQM7
24
NC
52
/WE
24
BA1
52
NC(A12
)
25
Vcc
53
CLK0
25
A10
53
A11
26
SDA
54
CLK1
26
A0
54
A9
27
SCL
55
Vss
27
A1
55
A8
28
/CS2
56
/CAS
28
A2
56
A7
* These pins are not used in this module
** These pins should be NC in the system which does not support SPD
*Pin Names
A0~A11: Address input (Multiplexed)
BA0~BA1: Select bank
DQ0~DQ63: Data input/output
CLK0: Clock input
CKE0: Clock enable input
/CS0~/CS3: Chip select input
/RAS: Row address strobe
/CAS: Coulmn address strobe
/WE: Write enable
DQM0~7: DQM
Vcc: Power supply(3.3V)
VSS: Ground
*VREF:Power supply for reference
REGE: Register enable
SDA: Serial data I/O
SCL: Serial clock
SA0~2: Address in EEPROM
WP: Write protection
DU: Don
’t use
NC: No connection


Similar Part No. - HSD32M64F8K

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M64F8R HANBIT-HSD32M64F8R Datasheet
1Mb / 30P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM ,16Mx16, 4Banks, 8K Ref. 3.3V
HSD32M64F8R-10 HANBIT-HSD32M64F8R-10 Datasheet
1Mb / 30P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM ,16Mx16, 4Banks, 8K Ref. 3.3V
HSD32M64F8R-10L HANBIT-HSD32M64F8R-10L Datasheet
1Mb / 30P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM ,16Mx16, 4Banks, 8K Ref. 3.3V
HSD32M64F8R-13 HANBIT-HSD32M64F8R-13 Datasheet
1Mb / 30P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM ,16Mx16, 4Banks, 8K Ref. 3.3V
HSD32M64F8V HANBIT-HSD32M64F8V Datasheet
89Kb / 11P
   Synchronous DRAM Module, 256Mbyte ( 32M x 64-Bit ) SMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
More results

Similar Description - HSD32M64F8K

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD32M64F8K HANBIT-HDD32M64F8K Datasheet
160Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on16Mx8,4Banks, 4K Ref., SMM,
HSD32M64F8R HANBIT-HSD32M64F8R Datasheet
1Mb / 30P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM ,16Mx16, 4Banks, 8K Ref. 3.3V
HSD32M64D16A HANBIT-HSD32M64D16A Datasheet
152Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16H HANBIT-HSD32M64D16H Datasheet
161Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16R HANBIT-HSD32M64D16R Datasheet
176Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM with based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D8H HANBIT-HSD32M64D8H Datasheet
84Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit),DIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD32M64D8KP HANBIT-HSD32M64D8KP Datasheet
814Kb / 29P
   Synchronous DRAM Module 256Mbyte (32Mx64bit),DIMM Unbuffered with Based on Stacked 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64B8A HANBIT-HSD32M64B8A Datasheet
91Kb / 11P
   Synchronous DRAM Module 256Mbyte (32Mx64Bit), SO-DIMM, 4Banks, 8K Ref., 3.3V
HDD32M64F8 HANBIT-HDD32M64F8 Datasheet
197Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on 32Mx8, 4Banks, 8K Ref., SMM,
HDD16M64F8 HANBIT-HDD16M64F8 Datasheet
136Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref., SMM,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com