Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV1015XRX-25 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV1015XRX-25
Description  Built-in Gain IC?셲 for High Sensitivity 2-Wire Microphones
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV1015XRX-25 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV1015XRX-25 Datasheet HTML 1Page - National Semiconductor (TI) LMV1015XRX-25 Datasheet HTML 2Page - National Semiconductor (TI) LMV1015XRX-25 Datasheet HTML 3Page - National Semiconductor (TI) LMV1015XRX-25 Datasheet HTML 4Page - National Semiconductor (TI) LMV1015XRX-25 Datasheet HTML 5Page - National Semiconductor (TI) LMV1015XRX-25 Datasheet HTML 6Page - National Semiconductor (TI) LMV1015XRX-25 Datasheet HTML 7Page - National Semiconductor (TI) LMV1015XRX-25 Datasheet HTML 8Page - National Semiconductor (TI) LMV1015XRX-25 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LMV1015 Analog Series:
Built-in Gain IC’s for High Sensitivity 2-Wire
Microphones
General Description
The LMV1015 is an audio amplifier series for small form
factor electret microphones. This 2-wire portfolio is designed
to replace the JFET amplifier. The LMV1015 series is ideally
suited for applications requiring high signal integrity in the
presence of ambient or RF noise, such as in cellular com-
munications. The LMV1015 audio amplifiers are guaranteed
to operate over a 2.2V to 5.0V supply voltage range with
fixed gains of 15.6 dB and 23.8 dB. The devices offer excel-
lent THD, gain accuracy and temperature stability as com-
pared to a JFET microphone.
The LMV1015 series enables a two-pin electret microphone
solution, which provides direct pin-to-pin compatibility with
the existing older JFET market.
National Semiconductors built-in gain families are offered in
extremely thin space saving 4-bump micro SMD packages
(0.3 mm maximum). The LMV1015XR is designed for 1.0
mm ECM canisters and thicker. These extremely miniature
packages have the Large Dome Bump (LDB) technology.
This micro SMD technology is designed for microphone
PCBs requiring 1 kg adhesion criteria.
Features
(Typical LMV1015-15, 2.2V supply, R
L = 2.2 k
Ω, C = 2.2 µF,
V
IN =18mVPP, unless otherwise specified)
n
Supply voltage
2V - 5V
n
Supply current
<180 µA
n
Signal to noise ratio (A-weighted)
60 dB
n
Output voltage noise (A-weighted)
−89 dBV
n
Total harmonic distortion
0.09%
n
Voltage gain
— LMV1015-15
15.6 dB
— LMV1015-25
23.8 dB
n
Temperature range
−40˚C to 85˚C
n
Large Dome 4-Bump micro SMD package with improved
adhesion technology.
Applications
n
Cellular phones
n
Headsets
n
Mobile communications
n
Automotive accessories
n
PDAs
n
Accessory microphone products
Schematic Diagram
20128901
Built-In Gain Electret Microphone
20128902
May 2005
© 2005 National Semiconductor Corporation
DS201289
www.national.com


Similar Part No. - LMV1015XRX-25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV1015 TI1-LMV1015 Datasheet
845Kb / 14P
[Old version datasheet]   LMV1015 Analog Series: Built-in Gain ICs for High Sensitivity 2-Wire Microphones
LMV1015UR-25/NOPB TI1-LMV1015UR-25/NOPB Datasheet
845Kb / 14P
[Old version datasheet]   LMV1015 Analog Series: Built-in Gain ICs for High Sensitivity 2-Wire Microphones
More results

Similar Description - LMV1015XRX-25

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV1012 NSC-LMV1012 Datasheet
497Kb / 15P
   Pre-Amplified IC?셲 for High Gain 2-Wire Microphones
logo
Texas Instruments
LMV1015 TI1-LMV1015 Datasheet
845Kb / 14P
[Old version datasheet]   LMV1015 Analog Series: Built-in Gain ICs for High Sensitivity 2-Wire Microphones
logo
National Semiconductor ...
LMV1012-07 NSC-LMV1012-07 Datasheet
88Kb / 3P
   Analog Pre-Amplified IC?셲 for High Gain Microphones
logo
Texas Instruments
TLV1012 TI-TLV1012_10 Datasheet
252Kb / 12P
[Old version datasheet]   AMPLIFIER FOR HIGH-GAIN TWO-WIRE MICROPHONES
LMV1012 TI1-LMV1012 Datasheet
1Mb / 21P
[Old version datasheet]   LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
LMV1032 TI1-LMV1032 Datasheet
840Kb / 14P
[Old version datasheet]   Amplifiers for 3-Wire Analog Electret Microphones
TLV1018 TI-TLV1018 Datasheet
620Kb / 12P
[Old version datasheet]   AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
logo
National Semiconductor ...
LMV1032-06 NSC-LMV1032-06 Datasheet
793Kb / 12P
   Amplifiers for 3 Wire Analog Electret Microphones
LMV1032-06_0511 NSC-LMV1032-06_0511 Datasheet
802Kb / 12P
   Amplifiers for 3-Wire Analog Electret Microphones
logo
Mitsumi Electronics, Co...
MM1304 MITSUMI-MM1304 Datasheet
134Kb / 5P
   Variable Gain Amplifier (built-in Y LPF, C BPF) Monolithic IC MM1304
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com