Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LTM10C210 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part No. LTM10C210
Description  26cm COLOUR TFT-LCD MODULE (10.4 TYPE)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 7 page
background image
(7/9)
2000-08-21 (Ver.1.0)
LTM10C210
CONNECTOR PIN ASSIGNMENT FOR INTERFACE
CN1 INPUT SIGNAL
Connector : DF9B-31P-1V / HIROSE ELECTRIC CO., LTD.
Mating Connector : DF9*-31S-1V / HIROSE ELECTRIC CO., LTD. ( * : option mark)
Terminal No.
Symbol
Function
1
GND
2
NCLK
SAMPLING CLOCK
3
GND
4
R0
RED DISPLAY DATA (LSB)
5
R1
RED DISPLAY DATA
6
R2
RED DISPLAY DATA
7
GND
8
R3
RED DISPLAY DATA
9
R4
RED DISPLAY DATA
10
R5
RED DISPLAY DATA (MSB)
11
GND
12
G0
GREEN DISPLAY DATA (LSB)
13
G1
GREEN DISPLAY DATA
14
G2
GREEN DISPLAY DATA
15
GND
16
G3
GREEN DISPLAY DATA
17
G4
GREEN DISPLAY DATA
18
G5
GREEN DISPLAY DATA (MSB)
19
GND
20
ENAB
COMPOUND SYNCHRONIZATION SIGNAL
21
GND
22
B0
BLUE DISPLAY DATA (LSB)
23
B1
BLUE DISPLAY DATA
24
B2
BLUE DISPLAY DATA
25
GND
26
B3
BLUE DISPLAY DATA
27
B4
BLUE DISPLAY DATA
28
B5
BLUE DISPLAY DATA (MSB)
29
GND
30
VDD
+5V POWER SUPPLY
31
VDD
+5V POWER SUPPLY
CN2 CCFL POWER SOURCE
Connector : BHR-03VS-1 / JAPAN SOLDERLESS TERMINAL MFG CO., LTD.
Mating Connector : SM02(8.0)B-BHS-1 / JAPAN SOLDERLESS TERMINAL MFG CO., LTD.
Terminal No.
Symbol
Function
1
VFLH1
CCFL Power Supply ( high voltage)
2
NC
1)
Non Connection (open)
3
VFLL1
CCFL Power Supply (low voltage)
CN3 CCFL POWER SOURCE
Connector : BHR-03VS-1 / JAPAN SOLDERLESS TERMINAL MFG CO., LTD.
Mating Connector : SM02(8.0)B-BHS-1 / JAPAN SOLDERLESS TERMINAL MFG CO., LTD.
Terminal No.
Symbol
Function
1
VFLH2
CCFL Power Supply ( high voltage)
2
NC
1)
Non Connection (open)
3
VFLL2
CCFL Power Supply (low voltage)
Note 1) NC terminal should be open.




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LTM06C31016cm COLOUR TFT-LCD MODULE 6.3 TYPE 1 2 3 4 5 MoreToshiba Semiconductor
LTM08C35121cm COLOR TFT-LCD MODULE 8.4 TYPE 1 2 3 4 5 MoreToshiba Semiconductor
LTD104C11S26CM COLOUR TFT LCD MODULE 1 2 3 4 5 MoreToshiba Semiconductor
LTM08C343S21cm COLOUR TFT-LCD MODULE 1 2 3 4 5 MoreToshiba Semiconductor
MC-4532DA72732M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE 1 2 3 4 5 MoreNEC
MSC23432D4 194 304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE 1 2 3 4 5 MoreOKI electronic componets
MSC23B2321D2 097 152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE 1 2 3 4 5 MoreOKI electronic componets
ENH050QA1-320ENH050QA1-320/450/600 Color TFT-LCD Module Features 1 2 3 4 5 MoreWhite Electronic Designs Corporation
LM038QB1R10Medium Size Graphic Type LCD Module 1 Sharp Electrionic Components
ENH057Q1-XXXColor TFT-LCD Module Features GENERAL DESCRIPTION 1 2 3 4 5 MoreWhite Electronic Designs Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl