Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV1015XR-15 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV1015XR-15
Description  Built-in Gain IC?셲 for High Sensitivity 2-Wire Microphones
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV1015XR-15 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV1015XR-15 Datasheet HTML 1Page - National Semiconductor (TI) LMV1015XR-15 Datasheet HTML 2Page - National Semiconductor (TI) LMV1015XR-15 Datasheet HTML 3Page - National Semiconductor (TI) LMV1015XR-15 Datasheet HTML 4Page - National Semiconductor (TI) LMV1015XR-15 Datasheet HTML 5Page - National Semiconductor (TI) LMV1015XR-15 Datasheet HTML 6Page - National Semiconductor (TI) LMV1015XR-15 Datasheet HTML 7Page - National Semiconductor (TI) LMV1015XR-15 Datasheet HTML 8Page - National Semiconductor (TI) LMV1015XR-15 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Connection Diagram
Large Dome 4-Bump micro SMD
20128903
Top View
Note: - Pin numbers are referenced to package marking text orientation.
- The actual physical placement of the package marking will vary slightly from part to part. The package will designate the date code and will vary considerably.
Package marking does not correlate to device type in any way.
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
4-Bump Extreme Thin
micro SMD
(0.3 mm max height)
lead free only
LMV1015XR-15
Date Code
250 Units Tape and Reel
XRA04ADA
LMV1015XRX-15
3k Units Tape and Reel
LMV1015XR-25
250 Units Tape and Reel
LMV1015XRX-25
3k Units Tape and Reel
4-Bump Ultra-Thin
micro SMD
(0.4 mm max height)
lead free only
LMV1015UR-15
Date Code
250 Units Tape and Reel
URA04ADA
LMV1015URX-15
3k Units Tape and Reel
LMV1015UR-25
250 Units Tape and Reel
LMV1015URX-25
3k Units Tape and Reel
Note: All packages are supplied with large dome bump technology for 1kg adhesion criteria.
www.national.com
4


Similar Part No. - LMV1015XR-15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV1015 TI1-LMV1015 Datasheet
845Kb / 14P
[Old version datasheet]   LMV1015 Analog Series: Built-in Gain ICs for High Sensitivity 2-Wire Microphones
LMV1015UR-25/NOPB TI1-LMV1015UR-25/NOPB Datasheet
845Kb / 14P
[Old version datasheet]   LMV1015 Analog Series: Built-in Gain ICs for High Sensitivity 2-Wire Microphones
More results

Similar Description - LMV1015XR-15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV1012 NSC-LMV1012 Datasheet
497Kb / 15P
   Pre-Amplified IC?셲 for High Gain 2-Wire Microphones
logo
Texas Instruments
LMV1015 TI1-LMV1015 Datasheet
845Kb / 14P
[Old version datasheet]   LMV1015 Analog Series: Built-in Gain ICs for High Sensitivity 2-Wire Microphones
logo
National Semiconductor ...
LMV1012-07 NSC-LMV1012-07 Datasheet
88Kb / 3P
   Analog Pre-Amplified IC?셲 for High Gain Microphones
logo
Texas Instruments
TLV1012 TI-TLV1012_10 Datasheet
252Kb / 12P
[Old version datasheet]   AMPLIFIER FOR HIGH-GAIN TWO-WIRE MICROPHONES
LMV1012 TI1-LMV1012 Datasheet
1Mb / 21P
[Old version datasheet]   LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
LMV1032 TI1-LMV1032 Datasheet
840Kb / 14P
[Old version datasheet]   Amplifiers for 3-Wire Analog Electret Microphones
TLV1018 TI-TLV1018 Datasheet
620Kb / 12P
[Old version datasheet]   AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
logo
National Semiconductor ...
LMV1032-06 NSC-LMV1032-06 Datasheet
793Kb / 12P
   Amplifiers for 3 Wire Analog Electret Microphones
LMV1032-06_0511 NSC-LMV1032-06_0511 Datasheet
802Kb / 12P
   Amplifiers for 3-Wire Analog Electret Microphones
logo
Mitsumi Electronics, Co...
MM1304 MITSUMI-MM1304 Datasheet
134Kb / 5P
   Variable Gain Amplifier (built-in Y LPF, C BPF) Monolithic IC MM1304
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com