Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6601MG Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6601MG
Description  250 MHz, 2.4V CMOS Op Amp with Shutdown
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6601MG Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMH6601MG Datasheet HTML 7Page - National Semiconductor (TI) LMH6601MG Datasheet HTML 8Page - National Semiconductor (TI) LMH6601MG Datasheet HTML 9Page - National Semiconductor (TI) LMH6601MG Datasheet HTML 10Page - National Semiconductor (TI) LMH6601MG Datasheet HTML 11Page - National Semiconductor (TI) LMH6601MG Datasheet HTML 12Page - National Semiconductor (TI) LMH6601MG Datasheet HTML 13Page - National Semiconductor (TI) LMH6601MG Datasheet HTML 14Page - National Semiconductor (TI) LMH6601MG Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Typical Performance Characteristics Unless otherwise noted, all data is with A
V = +2, RF =RG =
604
Ω,V
S = 3.3V, VOUT =VS/2, SD tied to V
+,R
L = 150
Ω to V, T = 25˚C. (Continued)
Peak Output Swing vs. R
L
Output Swing vs. Sink Current for Various Supply
Voltages
20136427
20136464
Output Swing vs. Source Current for Various Supply
Voltages
HD2 vs. Frequency
20136465
20136404
HD3 vs. Frequency
THD vs. Output Swing
20136405
20136402
www.national.com
11


Similar Part No. - LMH6601MG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6601MG NSC-LMH6601MG Datasheet
1Mb / 28P
   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6601MG/NOPB TI1-LMH6601MG/NOPB Datasheet
2Mb / 40P
[Old version datasheet]   CMOS Operational Amplifier
logo
National Semiconductor ...
LMH6601MGNOPB NSC-LMH6601MGNOPB Datasheet
1Mb / 37P
   LMH6601/LMH6601Q 250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
LMH6601MGX NSC-LMH6601MGX Datasheet
1Mb / 28P
   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6601MGX/NOPB TI1-LMH6601MGX/NOPB Datasheet
2Mb / 40P
[Old version datasheet]   CMOS Operational Amplifier
More results

Similar Description - LMH6601MG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6601 NSC-LMH6601_09 Datasheet
1Mb / 28P
   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6601 TI1-LMH6601 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
LMH6601-Q1 TI1-LMH6601-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
National Semiconductor ...
LMH6601 NSC-LMH6601_14 Datasheet
1Mb / 37P
   LMH6601/LMH6601Q 250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6703 TI1-LMH6703_16 Datasheet
1Mb / 26P
[Old version datasheet]   1.2 GHz, Low Distortion Op Amp with Shutdown
logo
National Semiconductor ...
LMH6703 NSC-LMH6703 Datasheet
864Kb / 13P
   1.2 GHz, Low Distortion Op Amp with Shutdown
logo
Linear Technology
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Texas Instruments
OPA355-Q1 TI-OPA355-Q1 Datasheet
383Kb / 18P
[Old version datasheet]   200-MHz CMOS Operational Amplifier With Shutdown
logo
Analog Devices
LTC6228 AD-LTC6228 Datasheet
2Mb / 26P
   Low Distortion Rail-to-Rail Output Op Amp with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com