Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6601MG Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6601MG
Description  250 MHz, 2.4V CMOS Op Amp with Shutdown
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6601MG Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMH6601MG Datasheet HTML 3Page - National Semiconductor (TI) LMH6601MG Datasheet HTML 4Page - National Semiconductor (TI) LMH6601MG Datasheet HTML 5Page - National Semiconductor (TI) LMH6601MG Datasheet HTML 6Page - National Semiconductor (TI) LMH6601MG Datasheet HTML 7Page - National Semiconductor (TI) LMH6601MG Datasheet HTML 8Page - National Semiconductor (TI) LMH6601MG Datasheet HTML 9Page - National Semiconductor (TI) LMH6601MG Datasheet HTML 10Page - National Semiconductor (TI) LMH6601MG Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
2.7V Electrical Characteristics Single Supply with V
S = 2.7V, AV = +2, RF = 604
Ω, SD tied to V+,V
OUT =
VS/2, RL = 150
Ω to Vunless otherwise specified. Boldface limits apply at temperature extremes. (Note 2) (Continued)
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 6)
Max
(Note 6)
Units
I
CC
Supply Current
Normal Operation
V
OUT =VS/2
9.0
10.6
12.5
mA
Shutdown
SD tied to
≤ 0.27V (Note 5)
100
nA
VOH1
Output High Voltage
(Relative to V
+)
R
L = 150
Ω to V
–260
–420
–200
mV
VOH2
R
L =75
Ω to V
S/2
–200
VOH3
R
L =10k
Ω to V
–50
100
–10
VOL1
Output Low Voltage
(Relative to V
)
R
L = 150
Ω to V
+4
+45
+125
mV
VOL2
R
L =75
Ω to V
S/2
+125
VOL3
R
L =10k
Ω to V
+4
+45
125
I
O
Output Current
V
OUT
≤ 0.6V from
Respective Supply
Source
25
mA
Sink
62
I
O_1
V
OUT =VS/2, VID = ±18
mV (Note 10)
Source
25
Sink
35
Load
Output Load Rating
THD < −30 dBc, f = 200 kHz, R
L tied
to V
S/2, VOUT = 2.2 VPP
40
R
O_Enable
Output Resistance
Enabled, A
V = +1
0.2
R
O_Disabled Output Resistance
Shutdown
>100
M
C
O_Disabled Output Capacitance
Shutdown
5.6
pF
Miscellaneous Performance
VDMAX
Voltage Limit for Disable (Pin 5) (Note 5)
0
0.27
V
VDMIN
Voltage Limit for Enable (Pin 5) (Note 5)
2.43
2.7
V
I
i
Logic Input Current (Pin 5)
SD = 2.7V (Note 5)
4pA
V
_glitch
Turn-on Glitch
1.2
V
T
on
Turn-on Time
5.2
µs
T
off
Turn-off Time
760
ns
Isolation
OFF
Off Isolation
1 MHz, R
L =1k
60
dB
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating of
the device such that TJ =TA. No guarantee of parametric performance is indicated in the electrical tables under conditions of internal self-heating where TJ > TA.
Note 3: The maximum continuous output current (IOUT) is determined by device power dissipation limitations.
Note 4: Human Body Model is 1.5 k
Ω in series with 100 pF. Machine Model is 0Ω in series with 200 pF.
Note 5: SD logic is CMOS compatible. To ensure proper logic level and to minimize power supply current, SD should typically be less than 10% of total supply
voltage away from either supply rail.
Note 6: Typical numbers are the most likely parametric norm. Bold numbers refer to over temperature limits.
Note 7: Negative input current implies current flowing out of the device.
Note 8: Drift determined by dividing the change in parameter at temperature extremes by the total temperature change.
Note 9: Guaranteed by design.
Note 10: “VID” is input differential voltage (input overdrive).
www.national.com
7


Similar Part No. - LMH6601MG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6601MG NSC-LMH6601MG Datasheet
1Mb / 28P
   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6601MG/NOPB TI1-LMH6601MG/NOPB Datasheet
2Mb / 40P
[Old version datasheet]   CMOS Operational Amplifier
logo
National Semiconductor ...
LMH6601MGNOPB NSC-LMH6601MGNOPB Datasheet
1Mb / 37P
   LMH6601/LMH6601Q 250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
LMH6601MGX NSC-LMH6601MGX Datasheet
1Mb / 28P
   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6601MGX/NOPB TI1-LMH6601MGX/NOPB Datasheet
2Mb / 40P
[Old version datasheet]   CMOS Operational Amplifier
More results

Similar Description - LMH6601MG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6601 NSC-LMH6601_09 Datasheet
1Mb / 28P
   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6601 TI1-LMH6601 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
LMH6601-Q1 TI1-LMH6601-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
National Semiconductor ...
LMH6601 NSC-LMH6601_14 Datasheet
1Mb / 37P
   LMH6601/LMH6601Q 250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6703 TI1-LMH6703_16 Datasheet
1Mb / 26P
[Old version datasheet]   1.2 GHz, Low Distortion Op Amp with Shutdown
logo
National Semiconductor ...
LMH6703 NSC-LMH6703 Datasheet
864Kb / 13P
   1.2 GHz, Low Distortion Op Amp with Shutdown
logo
Linear Technology
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Texas Instruments
OPA355-Q1 TI-OPA355-Q1 Datasheet
383Kb / 18P
[Old version datasheet]   200-MHz CMOS Operational Amplifier With Shutdown
logo
Analog Devices
LTC6228 AD-LTC6228 Datasheet
2Mb / 26P
   Low Distortion Rail-to-Rail Output Op Amp with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com