Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6590A Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6590A
Description  FULLY INTEGRATED POWER SUPPLY
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6590A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6590A Datasheet HTML 3Page - STMicroelectronics L6590A Datasheet HTML 4Page - STMicroelectronics L6590A Datasheet HTML 5Page - STMicroelectronics L6590A Datasheet HTML 6Page - STMicroelectronics L6590A Datasheet HTML 7Page - STMicroelectronics L6590A Datasheet HTML 8Page - STMicroelectronics L6590A Datasheet HTML 9Page - STMicroelectronics L6590A Datasheet HTML 10Page - STMicroelectronics L6590A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7/19
L6590A
Figure 7. IC Operating Current
Figure 8. Switching Frequency vs.
Temperature
Figure 9. Vcc clamp vs. Temperature
Figure 10. OVP Threshold vs. Temperature
Figure 11. OCP Threshold vs. Current Slope
Figure 12. OCP threshold vs. Temperature
7
8
9
10
11
12
13
14
15
3
3.2
3.4
3.6
3.8
4
4.2
4.4
Vcc [V]
Icc [mA]
Tj = -25 °C
Tj = 25 °C
Tj = 125 °C
MOSFET switching @ 22 kHz
-50
0
50
100
150
10
20
30
40
50
60
70
80
Tj [°C]
fsw [kHz]
Normal operation
Standby
-50
0
50
100
150
17
17.2
17.4
17.6
17.8
18
Tj [°C]
VCCclamp [V]
Iclamp =20mA
Iclamp =10mA
-50
0
50
100
150
15
15.2
15.4
15.6
15.8
16
Tj [°C]
Vth [V]
50
100
150
200
250
0.96
0.98
1
1.02
1.04
1.06
dI/dt [mA/µs]
Ipklim / (Ipklim @ di/dt = 120 mA/µs)
Tj = 25 °C
-50
0
50
100
150
0.98
1
1.02
1.04
1.06
1.08
1.1
Tj [°C]
Ipklim / (Ipklim @ Tj = 25°C)
di/dt = 120 mA/µs


Similar Part No. - L6590A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6590 STMICROELECTRONICS-L6590 Datasheet
360Kb / 23P
   FULLY INTEGRATED POWER SUPPLY FIPS
L6590D STMICROELECTRONICS-L6590D Datasheet
360Kb / 23P
   FULLY INTEGRATED POWER SUPPLY FIPS
L6590N STMICROELECTRONICS-L6590N Datasheet
360Kb / 23P
   FULLY INTEGRATED POWER SUPPLY FIPS
More results

Similar Description - L6590A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6590 STMICROELECTRONICS-L6590 Datasheet
360Kb / 23P
   FULLY INTEGRATED POWER SUPPLY FIPS
logo
Fairchild Semiconductor
FAN4603 FAIRCHILD-FAN4603 Datasheet
955Kb / 12P
   600mA, Fully Integrated, Buck Power Supply Module
logo
Freescale Semiconductor...
34712 FREESCALE-34712 Datasheet
477Kb / 23P
   3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
logo
M/A-COM Technology Solu...
MAAP-110150 MA-COM-MAAP-110150 Datasheet
2Mb / 13P
   Fully Integrated Power Amplifier
MAAP-118260 MA-COM-MAAP-118260 Datasheet
1Mb / 13P
   Fully Integrated Power Amplifier
MAAP-018260 MA-COM-MAAP-018260 Datasheet
2Mb / 12P
   Fully Integrated Power Amplifier
MAAP-010150 MA-COM-MAAP-010150 Datasheet
2Mb / 13P
   Fully Integrated Power Amplifier
logo
Rohm
BZ6A1206GMP ROHM-BZ6A1206GMP Datasheet
1Mb / 23P
   0.65A Output, Fully Integrated Step-down Switching Power Supply Module
logo
Freescale Semiconductor...
34713 FREESCALE-34713 Datasheet
510Kb / 21P
   5.0 A 1.0MHz Fully Integrated Single Switch-Mode Power Supply
logo
Rohm
BZ6A7D06GM ROHM-BZ6A7D06GM Datasheet
690Kb / 19P
   0.65A Output, Fully Integrated, Step-down Switching Power Supply Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com