Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS21368DJPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRS21368DJPBF
Description  3-PHASE BRIDGE DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21368DJPBF Datasheet(HTML) 4 Page - International Rectifier

  IRS21368DJPBF Datasheet HTML 1Page - International Rectifier IRS21368DJPBF Datasheet HTML 2Page - International Rectifier IRS21368DJPBF Datasheet HTML 3Page - International Rectifier IRS21368DJPBF Datasheet HTML 4Page - International Rectifier IRS21368DJPBF Datasheet HTML 5Page - International Rectifier IRS21368DJPBF Datasheet HTML 6Page - International Rectifier IRS21368DJPBF Datasheet HTML 7Page - International Rectifier IRS21368DJPBF Datasheet HTML 8Page - International Rectifier IRS21368DJPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.irf.com
4
IRS213(6,62,63,65,66,67,68)D(J&S)PbF
Static Electrical Characteristics - (Continued)
VBIAS (VCC,VBS1,2,3) = 15 V unless otherwise specified. The VIN, VTH, and IIN parameters are referenced to VSS and are
applicable to all six channels (HIN1,2,3/ HIN1,2,3 and LIN1,2,3). The VO and IO parameters are referenced to COM and
VS1,2,3 and are applicable to the respective output leads: LO1,2,3 and HO1,2,3.
Symbol
Definition
Min. Typ. Max. Units
Test
Conditions
VBSUV- (6,68)
VBS supply undervoltage negative going
threshold
7.4
8.2
9
VBSUVHY (6,68)
VBS supply undervoltage hysteresis
0.3
0.7
VCCUV+ (62)
VCC supply undervoltage positive going
threshold
9.6
10.4
11.2
VCCUV- (62)
VCC supply undervoltage negative going
threshold
8.6
9.4
10.2
VCCUVHY (62)
VCC supply undervoltage hysteresis
0.5
1
VBSUV+ (62)
VBS supply undervoltage positive going
threshold
9.6
10.4
11.2
VBSUV- (62)
VBS supply undervoltage negative going
threshold
8.6
9.4
10.2
VBSUVHY (62)
VBS supply undervoltage hysteresis
0.5
1
VCCUV+
(63,65,66,67)
VCC supply undervoltage positive going
threshold
10.4 11.1
11.6
VCCUV-
(63,65,66,67)
VCC supply undervoltage negative going
threshold
10.2 10.9
11.4
VCCUVHY
(63,65,66,67)
VCC supply undervoltage hysteresis
0.2
VBSUV+
(63,65,66,67)
VBS supply undervoltage positive going
threshold
10.4 11.1
11.6
VBSUV-
(63,65,66,67)
VBS supply undervoltage negative going
threshold
10.2 10.9
11.4
VBSUVHY
(63,65,66,67)
VBS supply undervoltage hysteresis
0.2
V
ILK
Offset supply leakage current
50
VB=VS= 600 V
IQBS
Quiescent VBS supply current
70
120
µA
IQCC
Quiescent VCC supply current
3
4
mA
all inputs @
logic 0 value
VIN,CLAMP
Input clamp voltage (HIN, LIN, ITRIP and EN)
4.8
5.2
5.65
V
IIN=100 µA
ILIN+ (6,62,63,65)
Input bias current (LOUT = HI)
110
150
VIN=4 V
ILIN- (6,62,63,65)
Input bias current (LOUT = LO)
150
200
VIN=0 V
ILIN+ (66,67,68)
Input bias current (LOUT = HI)
3
VIN=4 V
ILIN- (66,67,68)
Input bias current (LOUT = LO)
3
VIN=0 V
IHIN+ (6,63,65)
Input bias current (HOUT = HI)
110
150
VIN=4 V
IHIN- (6,63,65)
Input bias current (HOUT = LO)
150
200
VIN=0 V
IHIN+ (62)
Input bias current (HOUT = HI)
5
20
VIN=4 V
IHIN- (62)
Input bias current (HOUT = LO)
3
VIN=0 V
IHIN+ (66,67,68)
Input bias current (HOUT = HI)
3
VIN=4 V
IHIN- (66,67,68)
Input bias current (HOUT = LO)
3
VIN=0 V
IITRIP+
“High” ITRIP input bias current
5
40
VIN=4 V
IITRIP-
“Low” ITRIP input bias current
1
VIN=0 V
IEN+
“High” ENABLE input bias current
5
40
VIN=4 V
IEN-
“Low” ENABLE input bias current
1
µA
VIN=0 V
PRELIMINARY


Similar Part No. - IRS21368DJPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21368JPBF IRF-IRS21368JPBF Datasheet
606Kb / 23P
   3-PHASE BRIDGE DRIVER
IRS21368SPBF IRF-IRS21368SPBF Datasheet
606Kb / 23P
   3-PHASE BRIDGE DRIVER
More results

Similar Description - IRS21368DJPBF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com