Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRS2136 Datasheet(PDF) 4 Page - International Rectifier

Part No. IRS2136
Description  3-PHASE BRIDGE DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2136 Datasheet(HTML) 4 Page - International Rectifier

  IRS2136 Datasheet HTML 1Page - International Rectifier IRS2136 Datasheet HTML 2Page - International Rectifier IRS2136 Datasheet HTML 3Page - International Rectifier IRS2136 Datasheet HTML 4Page - International Rectifier IRS2136 Datasheet HTML 5Page - International Rectifier IRS2136 Datasheet HTML 6Page - International Rectifier IRS2136 Datasheet HTML 7Page - International Rectifier IRS2136 Datasheet HTML 8Page - International Rectifier IRS2136 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.irf.com
4
IRS213(6,62,63,65,66,67,68) (J&S)PbF
Static Electrical Characteristics - (Continued)
VBIAS (VCC,VBS1,2,3) = 15 V unless otherwise specified. The VIN, VTH, and IIN parameters are referenced to VSS and are
applicable to all six channels (HIN1,2,3/ HIN1,2,3 and LIN1,2,3). The VO and IO parameters are referenced to COM and
VS1,2,3 and are applicable to the respective output leads: LO1,2,3 and HO1,2,3.
Symbol
Definition
Min. Typ. Max. Units
Test
Conditions
VBSUV- (6,68)
VBS supply undervoltage negative going
threshold
7.4
8.2
9
VBSUVHY (6,68)
VBS supply undervoltage hysteresis
0.3
0.7
VCCUV+ (62)
VCC supply undervoltage positive going
threshold
9.6
10.4
11.2
VCCUV- (62)
VCC supply undervoltage negative going
threshold
8.6
9.4
10.2
VCCUVHY (62)
VCC supply undervoltage hysteresis
0.5
1
VBSUV+ (62)
VBS supply undervoltage positive going
threshold
9.6
10.4
11.2
VBSUV- (62)
VBS supply undervoltage negative going
threshold
8.6
9.4
10.2
VBSUVHY (62)
VBS supply undervoltage hysteresis
0.5
1
VCCUV+ (63,65,66,67)
VCC supply undervoltage positive going
threshold
10.4 11.1
11.6
VCCUV- (63,65,66,67)
VCC supply undervoltage negative going
threshold
10.2 10.9
11.4
VCCUVHY
(63,65,66,67)
VCC supply undervoltage hysteresis
0.2
VBSUV+ (63,65,66,67)
VBS supply undervoltage positive going
threshold
10.4 11.1
11.6
VBSUV- (63,65,66,67)
VBS supply undervoltage negative going
threshold
10.2 10.9
11.4
VBSUVHY
(63,65,66,67)
VBS supply undervoltage hysteresis
0.2
V
ILK
Offset supply leakage current
50
VB=VS= 600 V
IQBS
Quiescent VBS supply current
70
120
µA
IQCC
Quiescent VCC supply current
2
3
mA
all inputs are in
off state
VIN,CLAMP
Input clamp voltage (HIN, LIN, ITRIP and EN)
4.8
5.2
5.65
V
IIN=100 µA
ILIN+ (6,62,63,65)
Input bias current (LOUT = HI)
110
150
VIN=4 V
ILIN- (6,62,63,65)
Input bias current (LOUT = LO)
150
200
VIN0 V
ILIN+ (66,67,68)
Input bias current (LOUT = HI)
3
VIN=4 V
ILIN- (66,67,68)
Input bias current (LOUT = LO)
3
VIN=0 V
IHIN+ (6,63,65)
Input bias current (HOUT = HI)
110
150
VIN=4 V
IHIN- (6,63,65)
Input bias current (HOUT = LO)
150
200
VIN=0 V
IHIN+ (62)
Input bias current (HOUT = HI)
5
20
VIN=4 V
IHIN- (62)
Input bias current (HOUT = LO)
3
VIN=0 V
IHIN+ (66,67,68)
Input bias current (HOUT = HI)
3
VIN=4 V
IHIN- (66,67,68)
Input bias current (HOUT = LO)
3
VIN=0 V
IITRIP+
“High” ITRIP input bias current
5
40
VIN=4 V
IITRIP-
“Low” ITRIP input bias current
1
VIN=0 V
IEN+
“High” ENABLE input bias current
5
40
VIN=4 V
IEN-
“Low” ENABLE input bias current
1
µA
VIN=0 V
PRELIMINARY


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TLE6280GP 3-Phase Bridge Driver IC 1  2  3  4  5  More Infineon Technologies AG
IR2136 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
MPIC2130 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More Motorola, Inc
SKIIP312GD120-302WT 3-phase bridge SKIIP 312 GD 120 + Driver 302 WT 1  2  3  4  5  More Semikron International
SKIIP312GDL120-404WT 3-phase bridge with brake chopper SKIIP 312 GDL 120 + Driver 404 WT 1  2  3  4  5  More Semikron International
IR2133 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IR2130 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IRS2136D 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IR2130 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IR2132 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn