Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2277SPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IR2277SPBF
Description  Phase Current Sensor IC for AC motor control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2277SPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IR2277SPBF Datasheet HTML 2Page - International Rectifier IR2277SPBF Datasheet HTML 3Page - International Rectifier IR2277SPBF Datasheet HTML 4Page - International Rectifier IR2277SPBF Datasheet HTML 5Page - International Rectifier IR2277SPBF Datasheet HTML 6Page - International Rectifier IR2277SPBF Datasheet HTML 7Page - International Rectifier IR2277SPBF Datasheet HTML 8Page - International Rectifier IR2277SPBF Datasheet HTML 9Page - International Rectifier IR2277SPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
IR2277S/IR2177S(PbF)
6
www.irf.com
AC Electrical Characteristics
V
BIAS (VCC, VBS) = 15V unless otherwise specified. Temp=27°C.
Symbol
Definition
Min.
Typ.
Max.
Units
Test
Conditions
PO
4
20
f
sync
PWM frequency
OUT
8
20
kHz
f
out
Throughput
sync
f
2
ksample/sec
BW
Bandwidth (@ -3 dB)
sync
f
kHz
GD
Group Delay (input filter)
sync
f
4
1
µs
Dmin
Minimum Duty Cycle (Note 1)
10
%
Vin=+Vinmax
Dmax
Maximum Duty Cycle (Note 1)
30
%
Vin=-Vinmin
t
dOCon
De-bounce time of OC
2.7
3.5
4.7
µs
See Figure 4
TOCoff
Time to reset OC forcing PO
0.5
µs
See Figure 4
Cload
Analog output load capacitor
0
50
nF
NOTE 2
SLOUT
Analog output (OUT) Slew Rate
0.2
1
V/µs
Cout ≤ 5 nF
tsettl
Output settling time (1%)
5
30
µs
Cout ≤ 5 nF
MD
Measure Delay
sync
f
2
30
.
0
µs
SR
Step response (max time to reach
steady state) for PO output
sync
f
51
.
0
sync
f
3
.
1
µs
See
Figure 5
SROUT
Step response (max time to reach
steady state) for OUT output
settl
t
+
sync
f
51
.
0
settl
t
+
sync
f
3
.
1
µs
See
Figure 5
Note 1: negative logic, see Figure 4 on page 7
Note 2: Cload < 5 nF avoids overshoot


Similar Part No. - IR2277SPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR2277S INFINEON-IR2277S Datasheet
489Kb / 20P
   Phase Current Sensor IC for AC motor control
Data Sheet No. PD60233 revB
More results

Similar Description - IR2277SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR22771S IRF-IR22771S Datasheet
441Kb / 16P
   Phase Current Sensor IC for AC motor control
logo
Infineon Technologies A...
IR22771S INFINEON-IR22771S Datasheet
447Kb / 16P
   Phase Current Sensor IC for AC motor control
Data Sheet No. PD60234 revB
IR2277S INFINEON-IR2277S Datasheet
489Kb / 20P
   Phase Current Sensor IC for AC motor control
Data Sheet No. PD60233 revB
logo
International Rectifier
IR2177S IRF-IR2177S_15 Datasheet
489Kb / 20P
   Phase Current Sensor IC for AC motor control
IR21771S IRF-IR21771S_15 Datasheet
447Kb / 16P
   Phase Current Sensor IC for AC motor control
logo
Toshiba Semiconductor
TA7712P TOSHIBA-TA7712P Datasheet
772Kb / 14P
   3 PHASE BI-DIRECTIONAL FOR MOTOR CONTROL IC
logo
Hitachi Semiconductor
HA13532NT HITACHI-HA13532NT Datasheet
68Kb / 16P
   Three-Phase Stepping Motor Control IC
logo
List of Unclassifed Man...
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
   Advanced 3-Phase Motor Control IC
logo
International Rectifier
IR2238Q IRF-IR2238Q_15 Datasheet
435Kb / 17P
   3-PHASE AC Motor Controller IC
IR22381QPBF IRF-IR22381QPBF Datasheet
1Mb / 10P
   3-PHASE AC MOTOR CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com