Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G9105 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part No. G9105
Description  5V 1A Low Dropout Regulator with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9105 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G9105 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G9105 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G9105 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G9105 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G9105 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G9105 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G9105 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G9105 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G9105 Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Ver: 0.9 Preliminary
Jul 07, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G9105
Global Mixed-mode Technology Inc.
5V 1A Low Dropout Regulator with Enable
Features
Dropout voltage 0.5V @ IO = 1A
Output current in excess of 1A
Output voltage accuracy ±2.5%
Quiescent current, typically 5mA
Internal short circuit current limit
Internal over temperature protection
ON/OFF control
General Description
The G9105 positive 5V voltage regulator features the
ability to source 1A of output current. The dropout
voltage is 0.5V at 1A output current. The typical qui-
escent current is 5mA. Furthermore, the quiescent
current is smaller when the regulator is in the dropout
mode (VIN < 5.5V).
Familiar regulator features such as over tem-
perature and over current protection circuits are
provided to prevent it from being damaged by
abnormal operating conditions. A VEN pin is pro-
vided to disable the output when needed.
Ordering Information
ORDER
NUMBER
ORDER NUMBER
(Pb free)
MARKING
TEMP.
RANGE
PACKAGE
G9105TF1T
G9105TF1Tf
G9105
-40°C to +85°C
TO-220F-4
G9105TH1T
G9105TH1Tf
G9105
-40°C to +85°C
TO-220F-4
---
G9105P11U
G9105
-40°C to +85°C
SOP-8
Note: TF :TO220F-4 (short lead)
TH :TO220F-4 (long lead)
P1: SOP-8
1: Bonding Code
T: Tube
U: Tape & Reel
Package Type
Typical Application
12
3
TO-220F-4
4
VIN VO GNDVEN
V
IN
G9105
C1
4.7µF
IQ
V
OUT
I
O
C
OUT
47µF
Top View
V
EN
G9105
8
6
5
1
2
3
4
VIN
GND
SOP-8
G9105
7
GND
VEN
VO
GND
GND
NC
12
3
TO-220F-4
4
VIN VO GNDVEN
V
IN
G9105
C1
4.7µF
IQ
V
OUT
I
O
C
OUT
47µF
Top View
V
EN
G9105
8
6
5
1
2
3
4
VIN
GND
SOP-8
G9105
7
GND
VEN
VO
GND
GND
NC


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CS8135 5V 5V Low Dropout Dual Regulator with /ENABLE RESET 1  2  3  4  5  More Cherry Semiconductor Corporation
SC4211 Very Low Input /Very Low Dropout 1 Amp Regulator With Enable 1  2  3  4  5  More Semtech Corporation
TDA3672 Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable 1  2  3  4  5  More NXP Semiconductors
CS8147 10V/5V Low Dropout Dual Regulator with ENABLE 1  2  3  4  5  More Cherry Semiconductor Corporation
SC4215A Very Low Input /Very Low Dropout 2 Amp Regulator With Enable 1  2  3  4  5  More Semtech Corporation
TDA3673 Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable 1  2  3  4  5  More NXP Semiconductors
TS9001 300mA CMOS Low Dropout Voltage Regulator with Enable 1  2  3  4  5  Taiwan Semiconductor Company, Ltd
TDA3674 Low dropout voltage/quiescent current 5 V voltage regulator with enable 1  2  3  4  5  More NXP Semiconductors
TS9009 80mA CMOS Low Dropout Voltage Regulator with Enable 1  2  3  4  5  Taiwan Semiconductor Company, Ltd
G9218 1.8V 2A Low Dropout Regulator with Enable 1  2  3  4  5  More Global Mixed-mode Technology Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn