Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G9105 Datasheet(PDF) 5 Page - Global Mixed-mode Technology Inc

Part No. G9105
Description  5V 1A Low Dropout Regulator with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9105 Datasheet(HTML) 5 Page - Global Mixed-mode Technology Inc

  G9105 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G9105 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G9105 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G9105 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G9105 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G9105 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G9105 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G9105 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G9105 Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Ver: 0.9 Preliminary
Jul 07, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G9105
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
0
100
200
300
400
500
600
-40
-20
0
204060
80
100
Temperature (
°C)
I
L=1A
I
L=1A
4.75
4.8
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
5.25
-40
-20
0
20
40
60
80
100
Temperature (
°C)
I
L=0.5A
V
IN=7V
V
IN=6V
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
-40
-20
0
2040
6080
100
Temperature (
°C)
V
IN=6V
V
IN=7V
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
-40
-20
0
20
40
60
80
100
Temperature (
°C)
I
L=100mA ~1A
V
IN=7V
V
IN=6V
Dropout Voltage vs. Temperature
Load Regulation
Output Voltage vs. Temperature
Quiescent Current vs. Temperature
Output Voltage vs. Disable Voltage
0
1
2
3
4
5
6
7
0
0.5
11.522.5
33.5
4
Disable Voltage Vdis(V)
Output Voltage vs. Input Voltage
0
1
2
3
4
5
6
01
23
45
67
Input Voltage V
IN (V )
I
L=0A
I
L=1A


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CS8135 5V 5V Low Dropout Dual Regulator with /ENABLE RESET 1  2  3  4  5  More Cherry Semiconductor Corporation
SC4211 Very Low Input /Very Low Dropout 1 Amp Regulator With Enable 1  2  3  4  5  More Semtech Corporation
TDA3672 Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable 1  2  3  4  5  More NXP Semiconductors
CS8147 10V/5V Low Dropout Dual Regulator with ENABLE 1  2  3  4  5  More Cherry Semiconductor Corporation
SC4215A Very Low Input /Very Low Dropout 2 Amp Regulator With Enable 1  2  3  4  5  More Semtech Corporation
TDA3673 Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable 1  2  3  4  5  More NXP Semiconductors
TS9001 300mA CMOS Low Dropout Voltage Regulator with Enable 1  2  3  4  5  Taiwan Semiconductor Company, Ltd
TDA3674 Low dropout voltage/quiescent current 5 V voltage regulator with enable 1  2  3  4  5  More NXP Semiconductors
TS9009 80mA CMOS Low Dropout Voltage Regulator with Enable 1  2  3  4  5  Taiwan Semiconductor Company, Ltd
G9218 1.8V 2A Low Dropout Regulator with Enable 1  2  3  4  5  More Global Mixed-mode Technology Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn