Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G9105 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part No. G9105
Description  5V 1A Low Dropout Regulator with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9105 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G9105 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G9105 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G9105 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G9105 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G9105 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G9105 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G9105 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G9105 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G9105 Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Ver: 0.9 Preliminary
Jul 07, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G9105
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
(Note 1)
Input Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8V
VEN Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V
Power Dissipation Internally Limited
(Note 2)
Maximum Junction Temperature . . . . . . . . . . . . . . 150°C
Storage Temperature Range. . . . .-65°C
≤ T
J ≤+150°C
Reflow Temperature (soldering, 10 sec) . . . . . . 260°C
Continuous Power Dissipation (TA = +25°C)
TO-220F-4 No Heatsink . . . . . . . . . . . . . . . . .80°C/W
TO-220F-4 with Infinite Heatsink . . . . . . . . . . 36°C/W
Thermal Resistance Junction to Ambient, (
θ
JA)
SOP-8. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .180°C/W
Operating Conditions
(Note 1)
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V~7V
Temperature Range. . . . . . . . . . . . . . -20°C
≤ T
A ≤85°C
VEN Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . .VIN+0.3V
Electrical Characteristics
VIN =7V, IO = 0.5A, CIN = 4.7µF, COUT =47µF, TA = TJ = 25°C unless otherwise specified [Note 3]
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Output Voltage
VO
IO = 0.5A
4.875
5
5.125
V
Line Regulation
5.5V < VIN < 7V, IO = 10mA
---
0.5
2
%
Load Regulation
50mA < IO < 1A
---
0.5
2
%
VIN = 5.5V, VEN = VIN
---
5
10
mA
Quiescent Current
IQ
VIN = 5.5V, VEN = 0V
---
10
30
µA
Ripple Rejection
fi = 120Hz, 1VP-P, IO = 100mA
---
35
---
dB
Dropout Voltage
VD
IO = 1A
---
---
0.5
V
Short Circuit Current
---
1.9
---
A
Over Temperature
---
150
---
°C
VEN Voltage High
VENH
Output Active
2
---
---
V
VEN Voltage Low
VENL
Output Disabled
---
---
0.8
V
VEN Bias Current High
IENH
VEN = 2.7V
---
---
20
µA
VEN Bias Current Low
IENL
VEN = 0.4V
---
---
20
µA
Note 1:
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Conditions are
conditions under which the device functions but the specifications might not be guaranteed. For guaranteed specifications
and test conditions see the Electrical Characteristics.
Note2:
The maximum power dissipation is a function of the maximum junction temperature, TJmax ; total thermal resistance,
θ
JA, and ambient temperature TA. The maximum allowable power dissipation at any ambient temperature is Tjmax-TA /
θ
JA. If this dissipation is exceeded, the die temperature will rise above 150°C and IC will go into thermal shutdown. For
the TO-220F-4 package,
θ
JA is 80°C/W (No heat sink).
Note3:
Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Note4:
The type of output capacitor should be tantalum or aluminum.
Definitions
Dropout Voltage
The input/output Voltage differential at which the regu-
lator output no longer maintains regulation against fur-
ther reductions in input voltage. Measured when the
output drops 2% below its nominal value, dropout volt-
age is affected by junction temperature, load current
and minimum input supply requirements.
Line Regulation
The change in output voltage for a change in input
voltage. The measurement is made under conditions of
low dissipation or by using pulse techniques such that
average chip temperature is not significantly affected.
Load Regulation
The change in output voltage for a change in load
current at constant chip temperature. The measure-
ment is made under conditions of low dissipation or
by using pulse techniques such that average chip
temperature is not significantly affected.
Maximum Power Dissipation
The maximum total device dissipation for which the
regulator will operate within specifications.
Quiescent Bias Current
Current which is used to operate the regulator chip
and is not delivered to the load.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CS8135 5V 5V Low Dropout Dual Regulator with /ENABLE RESET 1  2  3  4  5  More Cherry Semiconductor Corporation
SC4211 Very Low Input /Very Low Dropout 1 Amp Regulator With Enable 1  2  3  4  5  More Semtech Corporation
TDA3672 Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable 1  2  3  4  5  More NXP Semiconductors
CS8147 10V/5V Low Dropout Dual Regulator with ENABLE 1  2  3  4  5  More Cherry Semiconductor Corporation
SC4215A Very Low Input /Very Low Dropout 2 Amp Regulator With Enable 1  2  3  4  5  More Semtech Corporation
TDA3673 Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable 1  2  3  4  5  More NXP Semiconductors
TS9001 300mA CMOS Low Dropout Voltage Regulator with Enable 1  2  3  4  5  Taiwan Semiconductor Company, Ltd
TDA3674 Low dropout voltage/quiescent current 5 V voltage regulator with enable 1  2  3  4  5  More NXP Semiconductors
TS9009 80mA CMOS Low Dropout Voltage Regulator with Enable 1  2  3  4  5  Taiwan Semiconductor Company, Ltd
G9218 1.8V 2A Low Dropout Regulator with Enable 1  2  3  4  5  More Global Mixed-mode Technology Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn