Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G5115 Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part No. G5115
Description  High Efficiency, Constant Current Output for 4 Series LEDs Driver
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GMT [Global Mixed-mode Technology Inc]
Homepage  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5115 Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G5115 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5115 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5115 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5115 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5115 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5115 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5115 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5115 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5115 Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Ver: 1.1
Sep 20, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G5115/G5117/G5119
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
(VCC = +3.6V, V SHDN = +3.6V, L=10µH, TA=25°C, unless otherwise noted)
0
0.25
0.5
0.75
1
1.25
1.5
1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5
Input Voltage (V)
0
0.25
0.5
0.75
1
1.25
1.5
-40
-20
0
20406080
100
Temperature (°C)
0
50
100
150
200
250
300
1.52 2.5 3 3.54 4.55 5.56 6.5
Input Voltage (V)
0
100
200
300
400
-40
-20
0
20
40
60
80
100
Temperature (°C)
60
65
70
75
80
85
90
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
IO=20mA
4LEDs, CO=1µF
60
65
70
75
80
85
90
0
5
10
15
20
25
Load Current (mA)
Efficiency vs. Output Current
Efficiency vs. Input Current
VIN=4.2V
VIN-3.6V
VIN=2.7V
4LEDs, CO=1µF
SW RDS_on vs. Input Voltage
SW RDS_on vs. Temperature
Current Limit vs. Input Voltage
Current Limit vs. Temperature


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn