Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5107 Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G5107
Description  Low-Voltage, High-Efficiency, Step-up DC-DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5107 Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

Back Button G5107 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5107 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5107 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5107 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5107 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5107 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5107 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5107 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G5107 Datasheet HTML 10Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Ver: 0.3 Preliminary
May 11, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G5107
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
Load Current (mA)
VIN=1.5V VIN=2.0V
VIN=2.5V
VIN=3.0V
VOUT = 3.3V
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
Load Current (mA)
VIN=1.5V
VIN=2.0V
VIN=2.5V
VIN=3.0V
VIN=3.5V
VIN=4.0V
VIN=4.5V
VOUT = 5.0V
Load Transient
Load Transient
Efficiency vs. Load Current
Efficiency vs. Load Current
Recommended Minimum Footprint
SOT-23-6/ TSOT-23-6
0
200
400
600
800
1000
1200
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
Input Voltage (V)
VOUT = 3.3V
VOUT = 5.0V
Max. Output Current vs. Input Voltage


Similar Part No. - G5107

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
G510700 E-SWITCH-G510700 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
G510701 E-SWITCH-G510701 Datasheet
38Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
G510702 E-SWITCH-G510702 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
G510703 E-SWITCH-G510703 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
G510704 E-SWITCH-G510704 Datasheet
38Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
More results

Similar Description - G5107

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM6313 HMSEMI-HM6313 Datasheet
1Mb / 11P
   High Efficiency Low Voltage Synchronous Step-up DC/DC Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
   High Efficiency, Step-up DC/DC Converter
logo
ams AG
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
   High-efficiency step up DC/DC converter
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
   HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
First Components Intern...
FT1301 FCI-FT1301 Datasheet
296Kb / 8P
   300mA High Efficiency and Low Voltage Step-up DC to DC Converter
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Unisonic Technologies
UC3500 UTC-UC3500_15 Datasheet
418Kb / 10P
   HIGH EFFICIENCY VFMCONTROLLED STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com