Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABTH16374B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ABTH16374B
Description  16-bit D-type flip-flop; positive-edge trigger 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABTH16374B Datasheet(HTML) 2 Page - NXP Semiconductors

  74ABTH16374B Datasheet HTML 1Page - NXP Semiconductors 74ABTH16374B Datasheet HTML 2Page - NXP Semiconductors 74ABTH16374B Datasheet HTML 3Page - NXP Semiconductors 74ABTH16374B Datasheet HTML 4Page - NXP Semiconductors 74ABTH16374B Datasheet HTML 5Page - NXP Semiconductors 74ABTH16374B Datasheet HTML 6Page - NXP Semiconductors 74ABTH16374B Datasheet HTML 7Page - NXP Semiconductors 74ABTH16374B Datasheet HTML 8Page - NXP Semiconductors 74ABTH16374B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ABT16374B
74ABTH16374B
16-bit D-type flip-flop; positive-edge trigger
(3-State)
2
1998 Feb 27
853-1752 19027
FEATURES
Two 8-bit positive edge triggered registers
Live insertion/extraction permitted
Power-up 3-State
Power-up reset
Multiple V
CC and GND pins minimize switching noise
3-State output buffers
74ABTH16373B incorporates bus-hold data inputs which
eliminate the need for external pull-up resistors to hold unused
inputs
Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
Output capability: +64mA/–32mA
Latch-up protection exceeds 500mA per JEDEC Std 17
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The 74ABT16374B high-performance BiCMOS device combines
low static and dynamic power dissipation with high speed and high
output drive.
The 74ABT16374B has two 8-bit, edge triggered registers, with each
register coupled to eight 3-State output buffers. The two sections of
each register are controlled independently by the clock (nCP) and
Output Enable (nOE) control gates.
Each register is fully edge triggered. The state of each D input, one
set-up time before the Low-to-High clock transition, is transferred to
the corresponding flip-flop’s Q output.
The 3-State output buffers are designed to drive heavily loaded
3-State buses, MOS memories, or MOS microprocessors. Each
active-Low Output Enable (nOE) controls all eight 3-State buffers for
its register independent of the clock operation.
When nOE is Low, the stored data appears at the outputs for that
register. When nOE is High, the outputs for that register are in the
High-impedance “OFF” state, which means they will neither drive
nor load the bus.
Two options are available, 74ABT16374B which does not have the
bus-hold feature and 74ABTH16374B which incorporates the
bus-hold feature.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nCP to nQx
CL = 50pF; VCC = 5V
2.6
2.2
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
COUT
Output capacitance
VO = 0V or VCC; 3-State
7
pF
ICCZ
Quiescent supply current
Outputs disabled; VCC = 5.5V
500
µA
ICCL
Quiescent su
ly current
Outputs Low; VCC = 5.5V
8
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74ABT16374B DL
BT16374B DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ABT16374B DGG
BT16374B DGG
SOT362-1
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74ABTH16374B DL
BH16374B DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ABTH16374B DGG
BH16374B DGG
SOT362-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
47, 46, 44, 43, 41, 40, 38, 37
36, 35, 33, 32, 30, 29, 27, 26
1D0 – 1D7
2D0 – 2D7
Data inputs
2, 3, 5, 6, 8, 9, 11, 12
13, 14, 16, 17, 19, 20, 22, 23
1Q0 – 1Q7
2Q0 – 2Q7
Data outputs
1, 24
1OE, 2OE
Output enable
inputs (active-Low)
48, 25
1CP, 2CP
Clock pulse inputs
(active rising edge)
4, 10, 15, 21, 28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive supply
voltage
LOGIC SYMBOL
3
2
1Q0 1Q1 1Q2
6
5
1Q3
47
46
44
43
1D0 1D1 1D2 1D3
48
1
9
8
1Q4 1Q5 1Q6
12
11
1Q7
41
40
38
37
1D4 1D5 1D6 1D7
1CP
1OE
14
13
17
16
36
35
33
32
25
24
20
19
23
22
30
29
27
26
2Q0 2Q1 2Q2 2Q3
2D0 2D21 2D2 2D3
2Q4 2Q5 2Q6 2Q7
2D4 2D5 2D6 2D7
2CP
2OE
SH00078


Similar Part No. - 74ABTH16374B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABTH16373B PHILIPS-74ABTH16373B Datasheet
86Kb / 10P
   16-bit transparent latch 3-State
1998 Feb 27
74ABTH16373BDGG PHILIPS-74ABTH16373BDGG Datasheet
86Kb / 10P
   16-bit transparent latch 3-State
1998 Feb 27
74ABTH16373BDL PHILIPS-74ABTH16373BDL Datasheet
86Kb / 10P
   16-bit transparent latch 3-State
1998 Feb 27
More results

Similar Description - 74ABTH16374B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT821 NXP-74ABT821 Datasheet
100Kb / 16P
   10-bit D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-25 February 2010
74ABT821 PHILIPS-74ABT821 Datasheet
69Kb / 6P
   10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74HC173 PHILIPS-74HC173 Datasheet
69Kb / 10P
   Quad D-type flip-flop; positive-edge trigger; 3-state
December 1990
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
74HC173D PHILIPS-74HC173D Datasheet
46Kb / 3P
   Quad D-type flip-flop; positive-edge trigger; 3-state
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com