Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C1310 Datasheet(PDF) 1 Page - Vectron International, Inc

Part No. C1310
Description  Surface Mount Package Reflow Process Compatible AT-Cut Crystal SONET Minimum Clock Specification
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VECTRON [Vectron International, Inc]
Homepage  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C1310 Datasheet(HTML) 1 Page - Vectron International, Inc

  C1310 Datasheet HTML 1Page - Vectron International, Inc C1310 Datasheet HTML 2Page - Vectron International, Inc C1310 Datasheet HTML 3Page - Vectron International, Inc C1310 Datasheet HTML 4Page - Vectron International, Inc C1310 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
C1310
PXO
Vectron International · www.vectron.com
v.2005-11-09 · page 1 of 5
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 W atts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
1F-2F, No 8 W orkshop, No 308 Fenju Road,
W aiGaoQiao Free Trade Zone, Pudong,
Shanghai, P.R. China 200131
+86 21 5048 0777 tel.
+86 21 5048 1881 fax
Typical Applications
Features
Base Stations
Surface Mount Package
Test Equipment
Reflow Process Compatible
Synthesizers
AT-Cut Crystal
SONET Minimum Clock Specification
Previous Vectron Model Numbers
SPO50, 9140
Frequency range
8 MHz – 700 MHz
Standard frequencies
10; 24.705; 30.720; 32.768; 50; 68.768 MHz;
77.76 MHz; 155.52; 622,08 MHz
Frequency stabilities
1 [Standard]
Parameter
Min
Typ
Max.
Units
Operating temp range
Ordering Code
5
vs. operating temperature range
(Referenced to +25°C)
-10.0
+10.0
ppm
-20 … +70°C
D105
Parameter
Min
Typ
Max.
Units
Condition
Initial tolerance
vs. supply voltage change
vs. load change
vs. aging
/1. Year
vs. aging
/ year (followingYears)
-5.0
-1.0
-1.0
-3.0
-1.0
+5.0
+1.0
+1.0
+3.0
+1.0
ppm
ppm
ppm
ppm
ppm
VS ± 5%
Load ± 5%
Frequency stabilities
1 [meets SONET Minimum Clock Specification - Option]
Parameter
Min
Typ
Max.
Units
Operating temp range
Ordering Code
5
vs. operating temperature range
-20 … +70°C
D205
Parameter
Min
Typ
Max.
Units
Condition
overall tolerance
-20.0
+20.0
ppm
( 15 Years aging, temp, initial, supply, load )
Supply voltage
Parameter
Min
Typ
Max.
Units
Condition
Ordering Code
5
Supply voltage (Vs)
4.75
5.0
5.25
VDC
SV050
Current consumption
40
mA
@ HCMOS < 155 MHz
Current consumption
90
mA
@ PECL < 155 MHz
Supply voltage (Vs)
3.135
3.3
3.465
VDC
SV033
Current consumption
30
mA
@ LVHCMOS< 155 MHz
Current consumption
80
mA
@ LVPECL< 155 MHz
Current consumption
25
mA
@ LVDS< 155 MHz


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn