Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AQV212AX Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part No. AQV212AX
Description  Controls low-level input signals. Controls load voltage 60V to 600V.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQV212AX Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AQV212AX Datasheet HTML 1Page - Panasonic Semiconductor AQV212AX Datasheet HTML 2Page - Panasonic Semiconductor AQV212AX Datasheet HTML 3Page - Panasonic Semiconductor AQV212AX Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GU PhotoMOS (AQV21 , AQV214H)
4
ds_aqv21: 010404J
10-(2). Turn on time vs. LED forward current
characteristics
Measured portion: between terminals 4 and 6;
Load voltage: 400 V (DC); Continuous load current:
120 mA (DC); Ambient temperature: 25
°C 77°F
11. Turn off time vs. LED forward current
characteristics
Measured portion: between terminals 4 and 6;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
12. Output capacitance vs. applied voltage
characteristics
Measured portion: between terminals 4 and 6;
Frequency: 1 MHz; Ambient temperature: 25
°C 77°F
0
0.5
1.0
1.5
2.5
2.0
10
20
30
40
50
60
AQV214H
LED forward current, mA
0
0.02
0.04
0.08
0.06
10
20
30
40
0.12
50
0.10
AQV212
AQV215
AQV216
AQV210,214,217
AQV214H
LED forward current, mA
0
50
100
200
10
20
30
40
50
150
0
AQV212
AQV215
AQV217
AQV214(H),AQV216,AQV210
Applied voltage,V


Similar Part No. - AQV212AX

ManufacturerPart No.DatasheetDescription
Nais(Matsushita Electric Works)
Nais(Matsushita Electri...
AQV212AX NAIS-AQV212AX Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
More results

Similar Description - AQV212AX

ManufacturerPart No.DatasheetDescription
XP Power Limited
XP Power Limited
HDS3000 XPPOWER-HDS3000 Datasheet
993Kb / 6P
   Fully Featured Signals AND Controls
Magnetrol International, Inc.
Magnetrol International...
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
   Side Mounting Liquid Level Controls
OmniVision Technologies, Inc.
OmniVision Technologies...
OV2735 OMNIVISION-OV2735 Datasheet
832Kb / 2P
   programmable controls
Bourns Electronic Solutions
Bourns Electronic Solut...
PTE BOURNS-PTE Datasheet
38Kb / 3P
   Panel Controls
List of Unclassifed Manufacturers
List of Unclassifed Man...
ST699 ETC1-ST699 Datasheet
275Kb / 2P
   HEATING CONTROLS
Microchip Technology
Microchip Technology
LR8 MICROCHIP-LR8 Datasheet
452Kb / 16P
   Motor controls
01/27/15
Bourns Electronic Solutions
Bourns Electronic Solut...
PDV BOURNS-PDV Datasheet
31Kb / 2P
   Panel Controls
PTB BOURNS-PTB Datasheet
36Kb / 2P
   Panel Controls
American Electronic Components, inc
American Electronic Com...
FCNA3710AW AEC-FCNA3710AW Datasheet
423Kb / 2P
   Float Controls
OSRAM GmbH
OSRAM GmbH
SFH2700FA OSRAM-SFH2700FA Datasheet
943Kb / 16P
   Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz