Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLZ47 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLZ47
Description  Z-Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLZ47 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLZ47 Datasheet HTML 1Page - Vishay Siliconix TLZ47 Datasheet HTML 2Page - Vishay Siliconix TLZ47 Datasheet HTML 3Page - Vishay Siliconix TLZ47 Datasheet HTML 4Page - Vishay Siliconix TLZ47 Datasheet HTML 5Page - Vishay Siliconix TLZ47 Datasheet HTML 6Page - Vishay Siliconix TLZ47 Datasheet HTML 7Page - Vishay Siliconix TLZ47 Datasheet HTML 8Page - Vishay Siliconix TLZ47 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLZ...
Vishay Semiconductors
Rev. A4, 08-Aug-02
4 (9)
www.vishay.com
Document Number 85635
Type
VZmin
.
VZmax.
at IZ
ZZmax
.
at IZ
ZZKmax.
at IZ
IRmax.
at
VR
IRmax2)
at
VR2)
Body
Mark-
(V)
(V)
(mA)
(
W)
(mA)
(
W)
(mA)
(
mA)
(V)
(
mA)
(V)
ing
TLZ15
13.44
15.09
10
16
10
110
0.5
0.2
11
15
TLZ15A
13.44
14.13
10
16
10
110
0.5
0.2
11
15A
TLZ15B
13.89
14.62
10
16
10
110
0.5
0.2
11
15B
TLZ15C
14.35
15.09
10
16
10
110
0.5
0.2
11
15C
TLZ16
14.80
16.51
10
18
10
150
0.5
0.2
12
16
TLZ16A
14.80
15.57
10
18
10
150
0.5
0.2
12
16A
TLZ16B
15.25
16.04
10
18
10
150
0.5
0.2
12
16B
TLZ16C
15.69
16.51
10
18
10
150
0.5
0.2
12
16C
TLZ18
16.22
18.33
10
23
10
150
0.5
0.2
13
18
TLZ18A
16.22
17.06
10
23
10
150
0.5
0.2
13
18A
TLZ18B
16.82
17.70
10
23
10
150
0.5
0.2
13
18B
TLZ18C
17.42
18.33
10
23
10
150
0.5
0.2
13
18C
TLZ20
18.02
20.72
10
28
10
200
0.5
0.2
15
20
TLZ20A
18.02
18.96
10
28
10
200
0.5
0.2
15
20A
TLZ20B
18.63
19.59
10
28
10
200
0.5
0.2
15
20B
TLZ20C
19.23
20.22
10
28
10
200
0.5
0.2
15
20C
TLZ20D
19.72
20.72
10
28
10
200
0.5
0.2
15
20D
TLZ22
20.15
22.63
5
30
5
200
0.5
0.2
17
22
TLZ22A
20.15
21.20
5
30
5
200
0.5
0.2
17
22A
TLZ22B
20.64
21.71
5
30
5
200
0.5
0.2
17
22B
TLZ22C
21.08
22.17
5
30
5
200
0.5
0.2
17
22C
TLZ22D
21.52
22.63
5
30
5
200
0.5
0.2
17
22D
TLZ24
22.05
24.85
5
35
5
200
0.5
0.2
19
24
TLZ24A
22.05
23.18
5
35
5
200
0.5
0.2
19
24A
TLZ24B
22.61
23.77
5
35
5
200
0.5
0.2
19
24B
TLZ24C
23.12
24.31
5
35
5
200
0.5
0.2
19
24C
TLZ24D
23.63
24.85
5
35
5
200
0.5
0.2
19
24D
TLZ27
24.26
27.64
5
45
5
250
0.5
0.2
21
27
TLZ27A
24.26
25.52
5
45
5
250
0.5
0.2
21
27A
TLZ27B
24.97
26.26
5
45
5
250
0.5
0.2
21
27B
TLZ27C
25.63
26.95
5
45
5
250
0.5
0.2
21
27C
TLZ27D
26.29
27.64
5
45
5
250
0.5
0.2
21
27D
TLZ30
26.99
30.51
5
55
5
250
0.5
0.2
23
30
TLZ30A
26.99
28.39
5
55
5
250
0.5
0.2
23
30A
TLZ30B
27.70
29.13
5
55
5
250
0.5
0.2
23
30B
TLZ30C
28.36
29.82
5
55
5
250
0.5
0.2
23
30C
TLZ30D
29.02
30.51
5
55
5
250
0.5
0.2
23
30D


Similar Part No. - TLZ47

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLZ47 VISHAY-TLZ47 Datasheet
110Kb / 9P
   Small Signal Zener Diodes
Rev. 1.9, 23-Mar-06
TLZ47 VISHAY-TLZ47 Datasheet
112Kb / 8P
   Small Signal Zener Diodes
Rev. 2.1, 27-Sep-11
TLZ47 VISHAY-TLZ47 Datasheet
110Kb / 8P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
TLZ47 VISHAY-TLZ47 Datasheet
131Kb / 9P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
TLZ47 VISHAY-TLZ47 Datasheet
110Kb / 8P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
More results

Similar Description - TLZ47

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BZX46 ETC-BZX46 Datasheet
1Mb / 6P
   Z-DIODES
logo
Vishay Siliconix
BZG05C VISHAY-BZG05C Datasheet
64Kb / 4P
   Silicon Z-Diodes
Rev. 6, 01-Apr-99
logo
List of Unclassifed Man...
BZY83C ETC-BZY83C Datasheet
157Kb / 5P
   Silicon Z-diodes
logo
Vishay Siliconix
1N957B VISHAY-1N957B Datasheet
33Kb / 3P
   Silicon Z-Diodes
Rev. A3, 13-Nov-98
BZG47 VISHAY-BZG47 Datasheet
84Kb / 4P
   Silicon Z–Diodes
Rev. 5, 06-Aug-99
BZG03C VISHAY-BZG03C Datasheet
71Kb / 5P
   Silicon Z-Diodes
Rev. 5, 01-Apr-99
TZM5221B VISHAY-TZM5221B Datasheet
59Kb / 4P
   Silicon Z-Diodes
Rev. 2, 01-Apr-99
1N5221B VISHAY-1N5221B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Diotec Semiconductor
ZPY10 DIOTEC-ZPY10 Datasheet
90Kb / 2P
   Silicon Power Z-Diodes
logo
Vishay Siliconix
1N4728A VISHAY-1N4728A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com