Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR-T6165 Datasheet(PDF) 1 Page - Exar Corporation

Part # XR-T6165
Description  Codirectional Digital Data Processor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-T6165 Datasheet(HTML) 1 Page - Exar Corporation

  XR-T6165 Datasheet HTML 1Page - Exar Corporation XR-T6165 Datasheet HTML 2Page - Exar Corporation XR-T6165 Datasheet HTML 3Page - Exar Corporation XR-T6165 Datasheet HTML 4Page - Exar Corporation XR-T6165 Datasheet HTML 5Page - Exar Corporation XR-T6165 Datasheet HTML 6Page - Exar Corporation XR-T6165 Datasheet HTML 7Page - Exar Corporation XR-T6165 Datasheet HTML 8Page - Exar Corporation XR-T6165 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
XR-T6165
...the analog plus companyTM
Codirectional Digital
Data Processor
Rev. 2.02
E1990
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538
z (510) 668-7000 z (510) 668-7010
1
May 1997–3
FEATURES
D Low Power CMOS Technology
D All Receiver and Transmitter Inputs and Outputs are
TTL Compatible
D Transmitter Inhibits Bipolar Violation Insertion for
Transmission of Alarm Conditions
D Alarm Output Indicates Loss of Received Bipolar
Violations
D Up to 125µs Variance of Data Transfer Timing in
Both Transmit and Receive Paths Allows Operation
in Plesiochronous Networks
D Both Receiver and Transmitter Perform Byte
Insertion or Deletion in Response to Local Clock
Slips
APPLICATIONS
D CCITT G.703 Compliant 64kbps Codirectional
Interface
D Performs the Digital and Analog Functions for a
Complete 64kbps Data Adaption Unit (DAU) When
Used With the XR-T6164
GENERAL DESCRIPTION
The XR-T6165 is a CMOS device which contains the
digital circuitry necessary to interface both directions of a
64kbps data stream to 2.048Mbps transmit and receive
PCM time-slots.
The XR-T6165 and the companion
XR-T6164 line interface chip together form a CCITT
G.703 compliant 64kbps codirectional interface.
The XR-T6165 contains separate transmit and receive
sections. The transmitter transforms 8 bit serial data from
a 2.048Mbps time-slot into an encoded 64kbps data
stream.
The receiver, which performs the reverse
operation, decodes the 64kbps data, extracts a clock
signal, and then outputs the data to a 2.048Mbps
time-slot. The XR-T6165 provides features which allow
the repetitions and deletions of both received and
transmitted data as clock skews and transients occur.
ORDERING INFORMATION
Part No.
Package
Operating
Temperature Range
XR-T6165CP
22 Lead 400 Mil PDIP
0
°C to +70°C
XR-T6165IP
22 Lead 400 Mil PDIP
–40
°C to +85°C
XR-T6165CD
24 Lead 300 Mil JEDEC SOIC
0
°C to +70°C
XR-T6165ID
24 Lead 300 Mil JEDEC SOIC
–40
°C to +85°C


Similar Part No. - XR-T6165

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T6166 EXAR-XR-T6166 Datasheet
151Kb / 16P
   Codirectional Digital Data Processor
More results

Similar Description - XR-T6165

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T6166 EXAR-XR-T6166 Datasheet
151Kb / 16P
   Codirectional Digital Data Processor
logo
NXP Semiconductors
AFD4400 NXP-AFD4400 Datasheet
869Kb / 101P
   AFD4400 Digital Front End Processor Data Sheet
Rev. 0, 10/2015
SAF3560 NXP-SAF3560 Datasheet
566Kb / 20P
   Terrestrial digital radio processor Providing new data services
Rev. 03-15 September 2010
logo
Samsung semiconductor
S5A1903X01 SAMSUNG-S5A1903X01 Datasheet
128Kb / 20P
   DATA PROCESSOR
KD16903 SAMSUNG-KD16903 Datasheet
163Kb / 20P
   DATA PROCESSOR
logo
Motorola, Inc
DSP56F826 MOTOROLA-DSP56F826 Datasheet
591Kb / 44P
   Preliminary Technical Data DSP56F826 16-bit Digital Signal Processor
logo
Texas Instruments
DLPC6401 TI1-DLPC6401 Datasheet
1Mb / 50P
[Old version datasheet]   DLP Data Processor
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
KS7306 SAMSUNG-KS7306 Datasheet
405Kb / 54P
   DIGITAL CAMERA PROCESSOR
logo
List of Unclassifed Man...
ISD-T267SP ETC-ISD-T267SP Datasheet
4Mb / 100P
   DIGITAL SPEECH PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com