Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT6164AID Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT6164AID
Description  Digital Line Interface Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT6164AID Datasheet(HTML) 3 Page - Exar Corporation

  XRT6164AID Datasheet HTML 1Page - Exar Corporation XRT6164AID Datasheet HTML 2Page - Exar Corporation XRT6164AID Datasheet HTML 3Page - Exar Corporation XRT6164AID Datasheet HTML 4Page - Exar Corporation XRT6164AID Datasheet HTML 5Page - Exar Corporation XRT6164AID Datasheet HTML 6Page - Exar Corporation XRT6164AID Datasheet HTML 7Page - Exar Corporation XRT6164AID Datasheet HTML 8Page - Exar Corporation XRT6164AID Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
XRT6164A
3
Rev. 2.0.0
PIN CONFIGURATION
16 Lead PDIP (0.300”)
16 Lead SOIC (Jedec, 0.300”)
PIN DESCRIPTION
Pin#
Symbol
Type
Description
1
RX-I/P
I
Receiver Negative Bipolar Input. Line analog input.
2
I/P BIAS
O
Receive Input Bias. Connects to center tap of input transformer secondary winding.
3
RX ALARM
O
Loss of Signal Alarm. Active low.
4
GNDA
Analog Ground.
5
S-R
O
Receive Negative Data Output. Output from negative bipolar input pulses (active low).
6
TX-I/P
I
Transmit Negative Input Data. Input for negative output driver (active high).
7
GNDD
Digital Ground.
8
TX-O/P
O
Transmit Negative Output Driver. Open collector, drives output transformer primary.
9
V
CCD
+5V +/-5% Digital Supply.
10
TX+O/P
O
Transmit Positive Output Driver. Open collector, drives output transformer primary.
11
TX+I/P
I
Transmit Positive Input Data. Input for positive output driver (active high).
12
S+R
O
Receive Positive Data Output. Output from positive bipolar input pulses (active low).
13
V
CCA
+5V +/-5% Analog Supply.
14
PEAKCAP
Peak Detector Capacitor. Stores peak detector voltage.
15
TCM CON
I
Time Compression Multiplex Control. When active, disconnects peak detector charge
and discharge paths (active low).
16
RX+I/P
I
Receiver Positive Bipolar Input. Line analog input.


Similar Part No. - XRT6164AID

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT6164AID EXAR-XRT6164AID Datasheet
102Kb / 10P
   Digital Line Interface Transceiver
XRT6164AID EXAR-XRT6164AID Datasheet
122Kb / 10P
   Digital Line Interface Transceiver
More results

Similar Description - XRT6164AID

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT6164 EXAR-XRT6164_10 Datasheet
114Kb / 2P
   Digital Line Interface Transceiver
XRT6164A EXAR-XRT6164A_07 Datasheet
102Kb / 10P
   Digital Line Interface Transceiver
XRT6164A_0710 EXAR-XRT6164A_0710 Datasheet
122Kb / 10P
   Digital Line Interface Transceiver
XRT6164 EXAR-XRT6164 Datasheet
495Kb / 10P
   Digital Line Interface Transceiver
XRT6164 EXAR-XRT6164_07 Datasheet
99Kb / 10P
   Digital Line Interface Transceiver
logo
Texas Instruments
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
[Old version datasheet]   Digital Audio Interface Transceiver
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
   Digital Audio Interface Transceiver
logo
ON Semiconductor
LC89057W-VF4A-E ONSEMI-LC89057W-VF4A-E Datasheet
318Kb / 59P
   Digital Audio Interface Transceiver
May, 2013
logo
Wolfson Microelectronic...
WM8802 WOLFSON-WM8802 Datasheet
516Kb / 65P
   Digital Audio Interface Transceiver
logo
CML Microcircuits
CMX615 CMLMICRO-CMX615 Datasheet
584Kb / 26P
   Digital Line to POTS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com