Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT5897IV Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT5897IV
Description  Seven-Channel E1 Line Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT5897IV Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT5897IV Datasheet HTML 3Page - Exar Corporation XRT5897IV Datasheet HTML 4Page - Exar Corporation XRT5897IV Datasheet HTML 5Page - Exar Corporation XRT5897IV Datasheet HTML 6Page - Exar Corporation XRT5897IV Datasheet HTML 7Page - Exar Corporation XRT5897IV Datasheet HTML 8Page - Exar Corporation XRT5897IV Datasheet HTML 9Page - Exar Corporation XRT5897IV Datasheet HTML 10Page - Exar Corporation XRT5897IV Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
XRT5897
7
Rev. 1.11
ELECTRICAL CHARACTERISTICS
Test Conditions: VCC = 3.3V + 5%, TA = -40 to 25 to 75°C, Unless Otherwise Specified
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
DC Electrical Characteristics
Parameters
VCC
Voltage Supply
3.135
3.3
3.465
V
3.3V operation
Inputs
VIH
Input High Level
2.0
5.0
V
VIL
Input Low Level
0.8
V
Outputs
VOH
Output High Level
2.4
V
IOH = -4mA
VOL
Output Low Level
0.4
V
IOL = 4mA
Receiver Specifications
RXCL
Allowable Cable Loss
0
12
dB
Cable loss at 1.024MHz (Relative
to 0dB = 2.37Vp measured from
RTIP or RRING to ground).
RXIM
Interference Margin
-15
-12
dB
With 6dB cable loss
RXXI
Receiver Slicing Threshold
45
50
55
%
% of peak input voltage at -3dB
cable loss
RXLOSSET
LOS Must Be Set If RX Sig.
Atten. ² 32dB (For Any Valid
Data Pattern)
15
dB
Relative to 0dB = 2.37Vp
Measured from RTIP or RRING to
ground.
RXLOSCLR LOS Must Be Cleared If RX Sig.
Atten. < 9dB
13
dB
Relative to 0dB = 2.37Vp
measured from RTIP or RRING to
ground.
RXLOSHYST Hysteresis on Input Data
2
dB
For LOS output state change
RXIN
Input Impedance
5
kW
Up to 3.072MHz (Measured from
RTIP or RRING to ground).
Jitter Tolerance:
20Hz
10
UIpp
700Hz
5
UIpp
10kHz -- 100kHz
0.3
UIpp
Return Loss:
51khz -- 102kHz
14
dB
Per ITU--T G.703
102kHz -- 2048kHz
20
dB
2048kHz -- 3072kHz
16
dB
Power Specifications VCC = 3.3V
PD
Power Dissipation
715
920
mW
All 1’s Transmit and Receive 75W
PD
Power Dissipation
117
155
mW
All Drivers Power Down
PC
Power Consumption 75W
1260
1465
mW
All 1’s Transmit and Receive
PC
Power Consumption 75W
880
1065
mW
50% data density, Transmit and Re-
ceive


Similar Part No. - XRT5897IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT5894 EXAR-XRT5894 Datasheet
849Kb / 19P
   Four-Channel E1 Line Interface (3.3V or 5.0V)
XRT5894IV EXAR-XRT5894IV Datasheet
849Kb / 19P
   Four-Channel E1 Line Interface (3.3V or 5.0V)
More results

Similar Description - XRT5897IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT5997 EXAR-XRT5997 Datasheet
257Kb / 37P
   Seven-Channel E1 Line Interface Unit
XRT81L27 EXAR-XRT81L27 Datasheet
374Kb / 30P
   SEVEN CHANNEL E1 LINE INTERFACE UNIT WITH CLOCK RECOVERY
XRT82D20 EXAR-XRT82D20_06 Datasheet
411Kb / 24P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
XRT82D20 EXAR-XRT82D20 Datasheet
206Kb / 27P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
logo
Cirrus Logic
CS61304A CIRRUS-CS61304A Datasheet
354Kb / 32P
   T1/E1 Line Interface
logo
List of Unclassifed Man...
CS61577-IL1 ETC-CS61577-IL1 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
logo
Cirrus Logic
CS61535A CIRRUS-CS61535A Datasheet
664Kb / 48P
   T1/E1 LINE INTERFACE
CS61577 CIRRUS-CS61577 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
CS61574A CIRRUS-CS61574A Datasheet
651Kb / 44P
   T1/E1 LINE INTERFACE
CS61305A CIRRUS-CS61305A Datasheet
631Kb / 44P
   T1/E1 LINE INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com