Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT84L38 Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT84L38
Description  OCTAL T1/E1/J1 FRAMER
Download  451 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT84L38 Datasheet(HTML) 2 Page - Exar Corporation

  XRT84L38 Datasheet HTML 1Page - Exar Corporation XRT84L38 Datasheet HTML 2Page - Exar Corporation XRT84L38 Datasheet HTML 3Page - Exar Corporation XRT84L38 Datasheet HTML 4Page - Exar Corporation XRT84L38 Datasheet HTML 5Page - Exar Corporation XRT84L38 Datasheet HTML 6Page - Exar Corporation XRT84L38 Datasheet HTML 7Page - Exar Corporation XRT84L38 Datasheet HTML 8Page - Exar Corporation XRT84L38 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 451 page
background image
XRT84L38
áç
áç
áç
áç
OCTAL T1/E1/J1 FRAMER
REV. 1.0.0
2
APPLICATIONS
• High-Density T1/E1/J1 interfaces for Multiplexers,
Switches, LAN Routers and Digital Modems
• SONET/SDH terminal or Add/Drop multiplexers
(ADMs)
• T1/E1/J1 add/drop multiplexers (MUX)
• Channel Service Units (CSUs): T1/E1/J1 and Frac-
tional T1/E1/J1
• Digital Access Cross-connect System (DACs)
• Digital Cross-connect Systems (DCS)
• Frame Relay Switches and Access Devices
(FRADS)
• ISDN Primary Rate Interfaces (PRA)
• PBXs and PCM channel bank
• T3 channelized access concentrators and M13
MUX
• Wireless base stations
• ATM equipment with integrated DS1 interfaces
• Multichannel DS1 Test Equipment
• T1/E1/J1 Performance Monitoring
• Voice over packet gateways
• Routers
FEATURES
• Eight independent, full duplex DS1 Tx and Rx
Framers
• Two 512-bit (two-frame) elastic store, PCM frame
slip buffers (FIFO) on TX and Rx provide up to
8.192 MHz asynchronous back plane connections
with jitter and wander attenuation
• Supports input PCM and signaling data at 1.544,
2.048, 4.096 and 8.192 Mbits. Also supports 4-
channel multiplexed 12.352/16.384 (HMVIP/H.100)
Mbit/s on the back plane bus
• Programmable output clocks for Fractional T1/E1/
J1
• Supports Channel Associated Signaling (CAS)
• Supports Common Channel Signalling (CCS)
• Supports ISDN Primary Rate Interface (ISDN PRI)
signaling
• Extracts and inserts robbed bit signaling (RBS)
• 3 independent HDLC Controllers for Receive and
Transmit on a per channel basis
• Each HDLC controller contains two 96-BYTE buff-
ers
• Timeslot assignable HDLC
• V5.1 and V5.2 Interface
• 8-bit Intel/Motorola
µP and MIPS Power PC inter-
faces for configuration, control and status monitor-
ing
• Parallel search algorithm for fast frame synchroni-
zation
• Wide choice of T1 framing structures: D4, ESF,
SLC®96, TIDM and N-Frame (non-framing)
• Direct access to D and E channels for fast transmis-
sion of data link information
• PRBS and QRSS generation and detection
• Programmable Interrupt output pin
• Supports programmed I/O, Burst and DMA modes
of Read-Write access
• Each framer block encodes and decodes the T1/
E1/J1 Frame serial data into and from the Single-
rail or Dual-rail (B8ZS) format
• Dual or single rail line side digital PCM inputs
• Detects and forces Red (SAI), Yellow (RAI) and
Blue (AIS) Alarms
• Detects OOF, LOF, LOS errors and COFA condi-
tions
• Loopbacks: Local (LLB) and Line remote (LB)
• Facilitates Inverse Multiplexing for ATM
• Performance monitor with one second polling
• Boundary scan (IEEE 1149.1) JTAG test port
• Accepts external 8kHz Sync reference
• 3.3V CMOS operation with 5V tolerant inputs
• 388-pin BGA package with –40
°C to +85°C opera-
tion
• Direct Interface to Exar’s XRT83L38 (Octal) LIU
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
XRT84L38IB
388 Pin Plastic Ball Grid Array
-40
°C to +85°C


Similar Part No. - XRT84L38

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT84L38 EXAR-XRT84L38 Datasheet
5Mb / 453P
   OCTAL T1/E1/J1 FRAMER
XRT84L38IB EXAR-XRT84L38IB Datasheet
5Mb / 453P
   OCTAL T1/E1/J1 FRAMER
XRT84L38 EXAR-XRT84L38_06 Datasheet
5Mb / 453P
   OCTAL T1/E1/J1 FRAMER
More results

Similar Description - XRT84L38

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT84L38 EXAR-XRT84L38_06 Datasheet
5Mb / 453P
   OCTAL T1/E1/J1 FRAMER
logo
Integrated Device Techn...
IDT82V2108 IDT-IDT82V2108 Datasheet
1Mb / 272P
   T1 / E1 / J1 OCTAL FRAMER
logo
Renesas Technology Corp
IDT82V2108 RENESAS-IDT82V2108 Datasheet
1Mb / 293P
   T1 / E1 / J1 Octal Framer
November 26, 2012
logo
Zarlink Semiconductor I...
MT9072 ZARLINK-MT9072 Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
logo
Dallas Semiconductor
DS26401 DALLAS-DS26401 Datasheet
1Mb / 309P
   Octal T1/E1/J1 Framer
logo
Exar Corporation
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_2 Datasheet
2Mb / 160P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_1 Datasheet
1Mb / 66P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VX38IB329-F EXAR-XRT86VX38IB329-F Datasheet
382Kb / 61P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com