Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT83SL28 Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT83SL28
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL28 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT83SL28 Datasheet HTML 6Page - Exar Corporation XRT83SL28 Datasheet HTML 7Page - Exar Corporation XRT83SL28 Datasheet HTML 8Page - Exar Corporation XRT83SL28 Datasheet HTML 9Page - Exar Corporation XRT83SL28 Datasheet HTML 10Page - Exar Corporation XRT83SL28 Datasheet HTML 11Page - Exar Corporation XRT83SL28 Datasheet HTML 12Page - Exar Corporation XRT83SL28 Datasheet HTML 13Page - Exar Corporation XRT83SL28 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
XRT83SL28
xr
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.0
8
TPOS7
TPOS6
TPOS5
TPOS4
TPOS3
TPOS2
TPOS1
TPOS0
70
67
114
111
39
42
139
142
I
TPOS/TDATA Input
Transmit digital input pin. In dual rail mode, this pin is the transmit positive
data input. In single rail mode, this pin is the transmit non-return to zero (NRZ)
data input.
TNEG7
TNEG6
TNEG5
TNEG4
TNEG3
TNEG2
TNEG1
TNEG0
71
68
113
110
38
41
140
143
I
Transmit Negative Data Input
In dual rail mode, this pin is the transmit negative data input. In single rail
mode, this pin can be tied to ground.
TTIP7
TTIP6
TTIP5
TTIP4
TTIP3
TTIP2
TTIP1
TTIP0
78
84
97
103
31
25
12
6
O
Transmit Differential Tip Output
TTIP is the positive differential output to the line interface. Along with the
TRING signal, these pins should be coupled to a 1:2 step up transformer for
proper operation.
TRING7
TRING6
TRING5
TRING4
TRING3
TRING2
TRING1
TRING0
80
82
99
101
29
27
10
8
O
Transmit Differential Ring Output
TRING is the negative differential output to the line interface. Along with the
TTIP signal, these pins should be coupled to a 1:2 step up transformer for
proper operation.
CONTROL FUNCTION
NAME
PIN
TYPE
DESCRIPTION
ICT
35
I
In Circuit Testing
When this pin is tied "Low", all output pins are forced to "High" impedance for
in circuit testing.
NOTE: Internally pulled "High" with a 50K
Ω resistor.
MCLK
17
I
Master Clock Input
This pin is used as the internal reference to the LIU. This clock must be
2.048MHz +/-50ppm.
TRANSMITTER SECTION
NAME
PIN
TYPE
DESCRIPTION


Similar Part No. - XRT83SL28

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SL216 EXAR-XRT83SL216 Datasheet
940Kb / 41P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216 EXAR-XRT83SL216 Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216IB EXAR-XRT83SL216IB Datasheet
940Kb / 41P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216IB EXAR-XRT83SL216IB Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216 EXAR-XRT83SL216_06 Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
More results

Similar Description - XRT83SL28

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83VSH28 EXAR-XRT83VSH28 Datasheet
1Mb / 74P
   8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH38 EXAR-XRT83VSH38 Datasheet
1Mb / 76P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82P20516 IDT-IDT82P20516 Datasheet
1Mb / 115P
   16-Channel Short Haul E1 Line Interface Unit
logo
Exar Corporation
XRT83SH38_0609 EXAR-XRT83SH38_0609 Datasheet
1Mb / 78P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216 EXAR-XRT83SL216_06 Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82V2052E IDT-IDT82V2052E Datasheet
1Mb / 70P
   DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
IDT82V2052E RENESAS-IDT82V2052E Datasheet
887Kb / 71P
   DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 12, 2005
IDT82P20516 RENESAS-IDT82P20516 Datasheet
1Mb / 116P
   16-Channel Short Haul E1 Line Interface Unit
December 17, 2009
logo
Exar Corporation
XRT83SH38 EXAR-XRT83SH38 Datasheet
1Mb / 77P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com