Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT83D10IW Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT83D10IW
Description  SINGLE CHANNEL DS1/CEPT LINE INTERFACE UNIT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83D10IW Datasheet(HTML) 3 Page - Exar Corporation

  XRT83D10IW Datasheet HTML 1Page - Exar Corporation XRT83D10IW Datasheet HTML 2Page - Exar Corporation XRT83D10IW Datasheet HTML 3Page - Exar Corporation XRT83D10IW Datasheet HTML 4Page - Exar Corporation XRT83D10IW Datasheet HTML 5Page - Exar Corporation XRT83D10IW Datasheet HTML 6Page - Exar Corporation XRT83D10IW Datasheet HTML 7Page - Exar Corporation XRT83D10IW Datasheet HTML 8Page - Exar Corporation XRT83D10IW Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
xr
XRT83D10
SINGLE CHANNEL DS1/CEPT LINE INTERFACE UNIT
REV. 1.0.3
3
PIN DESCRIPTIONS
MICROPROCESSOR
PIN #NAME
TYPE
DESCRIPTION
15
CS
I
Microprocessor Interface Select (Active Low)
CS loads the data into the device on its falling edge and latches the data on its
rising edge.
For Hardware mode, CS is left open or connected to GND.
NOTE: Internally pulled down
1EC1
I
Transmit Equalization Control.
The three inputs, EC1,EC2 and EC3 are used for selecting transmit equaliza-
tion.
NOTE: Internally Pulled down.
27
EC3
I
Transmit Equalization Control
NOTE: Internally Pulled down.
28
EC2
I
Transmit Equalization Control
NOTE: Internally Pulled down.
7MODE2
I
Mode Select
Mode 1 and Mode 2 select the clock and data paths through the jitter attenua-
tor.
NOTE: Internally Pulled down.
8MODE1
I
Mode Select
NOTE: Internally Pulled down.
9LOOPB
I
Loopback control.
LOOPB along with LOOPA are used for selecting different loopbacks.
NOTE: Internally Pulled down.
10
LOOPA
I
Loopback control.
LOOPB along with LOOPA are used for selecting different loopbacks.
NOTE: Internally Pulled down.
LOOPA
0
0
Loopback Mode
Normal Operation
Digital
LOOPB
0
1
1
1
Remote
Local
0
1


Similar Part No. - XRT83D10IW

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30IV EXAR-XRT83L30IV Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L314 EXAR-XRT83L314 Datasheet
1Mb / 84P
   14-CHANNEL T1/E1/J1 LONG-HAUL/SHORT-HAUL LINE INTERFACE UNIT
More results

Similar Description - XRT83D10IW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T7290A ETC1-T7290A Datasheet
1Mb / 23P
   T7290A DS1/T1/CEPT Line Interface
T7290 ETC1-T7290 Datasheet
1Mb / 23P
   T7290 DS1/T1/CEPT Line Interface
T7289A ETC-T7289A Datasheet
976Kb / 17P
   DS1 LINE INTERFACE
logo
Exar Corporation
XRT82D20 EXAR-XRT82D20_06 Datasheet
411Kb / 24P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
XRT82D20 EXAR-XRT82D20 Datasheet
206Kb / 27P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
logo
Bel Fuse Inc.
0553-6500-17 BEL-0553-6500-17 Datasheet
36Kb / 2P
   T1/CEPT Single Line Interface Transformers
logo
Integrated Device Techn...
IDT82V2051E IDT-IDT82V2051E Datasheet
1Mb / 61P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
logo
XFMRS Inc.
XF0013D1 XFMRS-XF0013D1 Datasheet
51Kb / 1P
   T1 / CEPT / DS1 MAGNETICS
1003 XFMRS-1003_15 Datasheet
51Kb / 1P
   T1 / CEPT / DS1 MAGNETICS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com