Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT79L72 Datasheet(PDF) 65 Page - Exar Corporation

Part # XRT79L72
Description  2 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L72 Datasheet(HTML) 65 Page - Exar Corporation

Back Button XRT79L72 Datasheet HTML 61Page - Exar Corporation XRT79L72 Datasheet HTML 62Page - Exar Corporation XRT79L72 Datasheet HTML 63Page - Exar Corporation XRT79L72 Datasheet HTML 64Page - Exar Corporation XRT79L72 Datasheet HTML 65Page - Exar Corporation XRT79L72 Datasheet HTML 66Page - Exar Corporation XRT79L72 Datasheet HTML 67Page - Exar Corporation XRT79L72 Datasheet HTML 68Page - Exar Corporation XRT79L72 Datasheet HTML 69Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 72 page
background image
xr
PRELIMINARY
XRT79L72
2 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
REV. P1.0.2
62
RECEIVE PAYLOAD DATA OUTPUT INTERFACE
RECEIVE PAYLOAD DATA OUTPUT INTERFACE - TIMING REQUIREMENTS
TABLE 11: TIMING INFORMATION FOR THE RECEIVE PAYLOAD DATA OUTPUT INTERFACE BLOCK
Test Conditions: TA = 25°C, VDD = 3.3V + 5% unless otherwise specified
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
Receive Payload Data Output Interface Timing - Serial Mode Operation (See Figure 17)
t50
Rising edge of RxClk to Payload Data (RxSer) out-
put delay
13
16
ns
ns
DS3 Applications
E3 Applications
t51
Rising edge of RxClk to RxFrame output delay
13
16
ns
ns
DS3 Applications
E3 Applications
t52
Rising edge of RxClk to RxOHInd output delay.
13
16
ns
ns
DS3 Applications
E3 Applications
Receive Payload Data Output Interface Timing - Nibble Mode Operation (see Figure 18)
t53
Falling edge of RxClk to rising edge of RxFrame out-
put delay
2.1
ns
t54
Falling edge of RxClk to rising edge of RxNib[3:0]
output delay
2
ns
FIGURE 17. TIMING DIAGRAM FOR THE RECEIVE PAYLOAD DATA OUTPUT INTERFACE (SERIAL MODE)
XRT79L72 Receive Payload Data I/F Signals
RxClk
RxSer
RxFrame
RxOHInd
Payload[4702]
Payload[4703]
X-Bit
Payload[0]
t50
t51
t52


Similar Part No. - XRT79L72

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT79L71 EXAR-XRT79L71 Datasheet
4Mb / 441P
   1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L71 EXAR-XRT79L71 Datasheet
1Mb / 109P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
XRT79L71 EXAR-XRT79L71 Datasheet
5Mb / 434P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
XRT79L71IB EXAR-XRT79L71IB Datasheet
4Mb / 441P
   1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L71IB EXAR-XRT79L71IB Datasheet
1Mb / 109P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
More results

Similar Description - XRT79L72

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT79L71 EXAR-XRT79L71 Datasheet
4Mb / 441P
   1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L73 EXAR-XRT79L73 Datasheet
466Kb / 71P
   3 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L74 EXAR-XRT79L74 Datasheet
876Kb / 70P
   4 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L71 EXAR-XRT79L71_1 Datasheet
5Mb / 434P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
XRT74L73 EXAR-XRT74L73 Datasheet
2Mb / 488P
   3 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
XRT74L74 EXAR-XRT74L74 Datasheet
3Mb / 498P
   4 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
XRT79L71 EXAR-XRT79L71_07 Datasheet
1Mb / 109P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
XRT72L71 EXAR-XRT72L71 Datasheet
1Mb / 102P
   DS3 ATM UNI/CLEAR CHANNEL FRAMER
XRT94L33 EXAR-XRT94L33_1 Datasheet
496Kb / 110P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER ATM/PPP - HARWARE MANUAL
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
   DS3/E3 FRAMER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com