Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT75R12D Datasheet(PDF) 100 Page - Exar Corporation

Part # XRT75R12D
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R12D Datasheet(HTML) 100 Page - Exar Corporation

Back Button XRT75R12D Datasheet HTML 96Page - Exar Corporation XRT75R12D Datasheet HTML 97Page - Exar Corporation XRT75R12D Datasheet HTML 98Page - Exar Corporation XRT75R12D Datasheet HTML 99Page - Exar Corporation XRT75R12D Datasheet HTML 100Page - Exar Corporation XRT75R12D Datasheet HTML 101Page - Exar Corporation XRT75R12D Datasheet HTML 102Page - Exar Corporation XRT75R12D Datasheet HTML 103Page - Exar Corporation XRT75R12D Datasheet HTML 104Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 131 page
background image
XRT75R12D
PRELIMINARY
REV. P1.0.1
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
95
The 44.736MHz - 1ppm Case
Throughout each of these cases, we will discuss how the resulting "bit-stuffing" (that was done when mapping
the DS3 signal into SONET) affects the amount of intrinsic jitter and wander that will be present in the DS3
signal, once it is ultimately de-mapped from SONET.
8.2.2.1
The Ideal Case for Mapping DS3 data into an STS-1 Signal (e.g., with no Frequency
Offsets)
Let us assume that we are mapping a DS3 signal, which has a bit rate of exactly 44.736Mbps (with no
frequency offset) into SONET. Further, let us assume that the SONET circuitry within the PTE is clocked at
exactly 51.84MHz (also with no frequency offset), as depicted below.
Given the above-mentioned assumptions, we can state the following.
The DS3 data-stream has a bit-rate of exactly 44.736Mbps
The PTE will create 8000 STS-1 SPE’s per second
In order to properly map a DS3 data-stream into an STS-1 data-stream, then each STS-1 SPE must carry
(44.736Mbps/8000 =) 5592 DS3 data bits.
Is there a Problem?
According to Figure 44, each STS-1 SPE only contains 5589 bits that are specifically designated for "DS3 data
bits". In this case, each STS-1 SPE appears to be three bits "short".
No there is a Simple Solution
No, earlier we mentioned that each STS-1 SPE consists of nine (9) "Stuff Opportunity" bits. Therefore, these
three additional bits (for DS3 data) are obtained by using three of these "Stuff Opportunity" bits.
As a
consequence, three (3) of these nine (9) "Stuff Opportunity" bits, within each STS-1 SPE, will carry DS3 data-
bits. The remaining six (6) "Stuff Opportunity" bits will typically function as "stuff" bits.
In summary, for the "Ideal Case"; where there is no frequency offset between the DS3 and the STS-1 bit-rates,
once this DS3 data-stream has been mapped into the STS-1 data-stream, then each and every STS-1 SPE will
have the following "Stuff Opportunity" bit utilization.
3 "Stuff Opportunity" bits will carry DS3 data bits.
6 "Stuff Opportunity" bits will function as "stuff" bits
In this case, this DS3 signal (which has now been mapped into STS-1) will be transported across the SONET
network. As this STS-1 signal arrives at the "Destination PTE", this PTE will extract (or de-map) this DS3 data-
stream from each incoming STS-1 SPE. Now since each and every STS-1 SPE contains exactly 5592 DS3
data bits; then the bit rate of this DS3 signal will be exactly 44.736Mbps (such as it was when it was mapped
into SONET, at the "Source" PTE).
FIGURE 45. A SIMPLE ILLUSTRATION OF A DS3 DATA-STREAM BEING MAPPED INTO AN STS-1 SPE, VIA A PTE
PTE
PTE
44.736MHz + 0ppm
DS3_Data_In
STS-1_Data_Out
51.84MHz + 0ppm


Similar Part No. - XRT75R12D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R12D EXAR-XRT75R12D Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D Datasheet
856Kb / 133P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12DIB EXAR-XRT75R12DIB Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12DIB EXAR-XRT75R12DIB Datasheet
856Kb / 133P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D_06 Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
More results

Similar Description - XRT75R12D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L00D EXAR-XRT75L00D Datasheet
894Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75VL00D EXAR-XRT75VL00D Datasheet
836Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R12D EXAR-XRT75R12D_07 Datasheet
856Kb / 133P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D_06 Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75L04D EXAR-XRT75L04D Datasheet
935Kb / 98P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R06D EXAR-XRT75R06D Datasheet
1Mb / 105P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L03D EXAR-XRT75L03D Datasheet
1Mb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L06D EXAR-XRT75L06D Datasheet
1Mb / 103P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT73R12_0710 EXAR-XRT73R12_0710 Datasheet
513Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12 EXAR-XRT73R12 Datasheet
766Kb / 87P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com