Electronic Components Datasheet Search |
|
XRT75R12 Datasheet(PDF) 87 Page - Exar Corporation |
|
XRT75R12 Datasheet(HTML) 87 Page - Exar Corporation |
87 / 89 page PRELIMINARY XRT75R12 TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR REV. P1.0.2 84 8.0 ELECTRICAL CHARACTERISTICS NOTES: 1. Exposure to or operating near the Min or Max values for extended period may cause permanent failure and impair reliability of the device. 2. ESD testing method is per MIL-STD-883D,M-3015.7 3. With Linear Air flow of 200 ft/min, reduce Theta JA by 20%, Theta JC is unchanged. NOTES: 1. Not applicable for pins with pull-up or pull-down resistors. 2. The Digital inputs are TTL 5V compliant. TABLE 46: ABSOLUTE MAXIMUM RATINGS SYMBOL PARAMETER MIN MAX UNITS COMMENTS VDD Supply Voltage -0.5 6.0 V Note 1 VIN Input Voltage at any Pin -0.5 5.5 V Note 1 IIN Input current at any pin 100 mA Note 1 STEMP Storage Temperature -65 150 0C Note 1 ATEMP Ambient Operating Temperature -40 85 0C linear airflow 0 ft./min Theta JA Thermal Resistance 23 0C/W linear air flow 0ft/min (See Note 3 below) MLEVL Exposure to Moisture 5 level EIA/JEDEC JESD22-A112-A ESD ESD Rating 2000 V Note 2 TABLE 47: DC ELECTRICAL CHARACTERISTICS: SYMBOL PARAMETER MIN . TYP . MAX . UNITS DVDD Digital Supply Voltage 3.135 3.3 3.465 V AVDD Analog Supply Voltage 3.135 3.3 3.465 V ICC Supply current requirements TBD TBD mA PDD Power Dissipation TBD TBD W VIL Input Low Voltage 0.8 V VIH Input High Voltage 2.0 5.5 V VOL Output Low Voltage, IOUT = - 4mA 0.4 V VOH Output High Voltage, IOUT = 4 mA 2.4 V IL Input Leakage Current1 ±10 µA CI Input Capacitance 10 pF CL Load Capacitance 10 pF |
Similar Part No. - XRT75R12 |
|
Similar Description - XRT75R12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |