Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT75R06DIB Datasheet(PDF) 16 Page - Exar Corporation

Part # XRT75R06DIB
Description  SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R06DIB Datasheet(HTML) 16 Page - Exar Corporation

Back Button XRT75R06DIB Datasheet HTML 12Page - Exar Corporation XRT75R06DIB Datasheet HTML 13Page - Exar Corporation XRT75R06DIB Datasheet HTML 14Page - Exar Corporation XRT75R06DIB Datasheet HTML 15Page - Exar Corporation XRT75R06DIB Datasheet HTML 16Page - Exar Corporation XRT75R06DIB Datasheet HTML 17Page - Exar Corporation XRT75R06DIB Datasheet HTML 18Page - Exar Corporation XRT75R06DIB Datasheet HTML 19Page - Exar Corporation XRT75R06DIB Datasheet HTML 20Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 105 page
background image
XRT75R06D
áç
áç
áç
áç
REV. 1.0.0
SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
11
T3
RDY
O
Ready Acknowledge:
NOTE: This pin must be connected to VDD via 3 k
Ω ± 1% resistor.
U3
INT
O
INTERRUPT Output:
A transition to “Low” indicates that an interrupt has been generated. The inter-
rupt function can be disabled by clearing the interrupt enable bit in the Channel
Control Register.
NOTES:
1.
This pin will remain asserted “Low” until the interrupt is serviced.
2.
This pin must be conneced to VDD via 3 k
Ω ± 1% resistor.
B4
A3
B3
C4
C3
C2
D3
D4
ADDR[0]
ADDR[1]
ADDR[2]
ADDR[3]
ADDR[4]
ADDR[5]
ADDR[6]
ADDR[7]
I
ADDRESS BUS:
8 bit address bus for the microprocessor interface
N4
P3
P4
P5
R5
R4
R3
R2
D[0]
D[1]
D[2]
D[3]
D[4]
D[5]
D[6]
D[7]
I/O
DATA BUS:
8 bit Data Bus for the microprocessor interface
MICROPROCESSOR INTERFACE
LEAD #
SIGNAL NAME
TYPE
DESCRIPTION


Similar Part No. - XRT75R06DIB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R06 EXAR-XRT75R06 Datasheet
666Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R06IB EXAR-XRT75R06IB Datasheet
666Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
More results

Similar Description - XRT75R06DIB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L06D EXAR-XRT75L06D Datasheet
1Mb / 103P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L00D EXAR-XRT75L00D Datasheet
894Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75VL00D EXAR-XRT75VL00D Datasheet
836Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L04D EXAR-XRT75L04D Datasheet
935Kb / 98P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L03D EXAR-XRT75L03D Datasheet
1Mb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R12D EXAR-XRT75R12D Datasheet
1Mb / 131P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L06 EXAR-XRT73L06 Datasheet
636Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75R12D EXAR-XRT75R12D_07 Datasheet
856Kb / 133P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com