Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ABT162245A Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. 74ABT162245A
Description  16-Bit bus transceiver with 30ohm series termination resistors 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT162245A Datasheet(HTML) 3 Page - NXP Semiconductors

  74ABT162245A Datasheet HTML 1Page - NXP Semiconductors 74ABT162245A Datasheet HTML 2Page - NXP Semiconductors 74ABT162245A Datasheet HTML 3Page - NXP Semiconductors 74ABT162245A Datasheet HTML 4Page - NXP Semiconductors 74ABT162245A Datasheet HTML 5Page - NXP Semiconductors 74ABT162245A Datasheet HTML 6Page - NXP Semiconductors 74ABT162245A Datasheet HTML 7Page - NXP Semiconductors 74ABT162245A Datasheet HTML 8Page - NXP Semiconductors 74ABT162245A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74ABT162245A
74ABTH162245A
16-bit bus transceiver with 30
Ω series
termination resistors (3-State)
1998 Feb 25
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1DIR
1B0
1B1
GND
1B2
1B3
1B4
1B5
GND
1B6
1B7
2B0
2B1
GND
2B3
VCC
2B4
VCC
2B2
2B5
GND
2B7
2DIR
2B6
1OE
1A0
1A1
GND
1A2
1A3
1A4
1A5
GND
1A6
1A7
2A0
2A1
GND
2A3
VCC
2A4
VCC
2A2
2A5
GND
2A7
2OE
2A6
SA00020
PIN DESCRIPTION
SYMBOL
PIN NUMBER
NAME AND FUNCTION
1DIR, 2DIR
1, 24
Direction control inputs
(Active-High)
1A0 – 1A7,
2A0 – 2A7
47, 46, 44, 43
41, 40, 38, 37
36, 35, 33, 32
30, 29, 27, 26
Data inputs/outputs (A side)
1B0 – 1B7
2B0 – 2B7
2, 3, 5, 6
8, 9, 11, 12
13, 14, 16, 17
19, 20, 22, 23
Data inputs/outputs (B side)
1OE, 2OE
48, 25
Output enables
GND
4, 10, 15, 21
28, 34, 39, 45
Ground (0V)
VCC
7, 18, 31, 42
Positive supply voltage
LOGIC SYMBOL
2DIR
24
36
35
33
32
30
29
27
26
23
22
20
19
17
16
14
13
2OE
2A0
2A1
2A2
2A3
2A4
2A5
2A6
2A7
2B0
2B1
2B2
2B3
2B4
2B5
2B6
2B7
25
1DIR
1
47
46
44
43
41
40
38
37
12
11
9
8
6
5
3
2
1OE
1A0
1A1
1A2
1A3
1A4
1A5
1A6
1A7
1B0
1B1
1B2
1B3
1B4
1B5
1B6
1B7
48
SA00021
FUNCTION TABLE
INPUTS
INPUTS/OUTPUTS
nOE
nDIR
nAx
nBx
L
L
A = B
Inputs
L
H
Inputs
B = A
H
X
Z
Z
H = HIGH voltage level
L
= LOW voltage level
X = D0n’t care
Z = High impedance “off” state


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74LVC162245A 16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State 1  2  3  4  5  More NXP Semiconductors
74LVC162244A 16-bit buffer/line driver; with 30ohm series termination resistors 5V input/output tolerant 3-State 1  2  3  4  5  More NXP Semiconductors
74ABT2245 Octal transceiver with direction pin with 30ohm series termination resistors 3-State 1  2  3  4  5  More NXP Semiconductors
74ABT162244 16-bit buffer/line driver with 30ohm series termination resistors 3-State 1  2  3  4  5  More NXP Semiconductors
74ALVT162245 2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State 1  2  3  4  5  More NXP Semiconductors
74LVT162245B 3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State 1  2  3  4  5  More NXP Semiconductors
74ALVCH162245 16-bit bus transceiver with direction pin and 30ohm termination resistor 3-State 1  2  3  4  5  More NXP Semiconductors
74LVT162245 Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs 1  2  3  4  5  More Fairchild Semiconductor
74ABT2244 Octal buffer/line driver with 30ohm series termination resistors 3-State 1  2  3  4  5  More NXP Semiconductors
74LVC322245A 32-bit bus transceiver with direction pin; 30 ohm series termination resistors; 5 V tolerant; 3-state 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn