Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT75R06 Datasheet(PDF) 15 Page - Exar Corporation

Part # XRT75R06
Description  SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R06 Datasheet(HTML) 15 Page - Exar Corporation

Back Button XRT75R06 Datasheet HTML 11Page - Exar Corporation XRT75R06 Datasheet HTML 12Page - Exar Corporation XRT75R06 Datasheet HTML 13Page - Exar Corporation XRT75R06 Datasheet HTML 14Page - Exar Corporation XRT75R06 Datasheet HTML 15Page - Exar Corporation XRT75R06 Datasheet HTML 16Page - Exar Corporation XRT75R06 Datasheet HTML 17Page - Exar Corporation XRT75R06 Datasheet HTML 18Page - Exar Corporation XRT75R06 Datasheet HTML 19Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 63 page
background image
áç
áç
áç
áç
XRT75R06
SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
REV. 1.0.0
12
ANALOG POWER AND GROUND
LEAD #
SIGNAL NAME
TYPE
DESCRIPTION
E2
TxAVDD_0
****
Transmitter Analog 3.3 V ± 5% VDD - Channel 0
N2
TxAVDD_1
****
Transmitter Analog 3.3 V ± 5% VDD - Channel 1
E16
TxAVDD_2
****
Transmitter Analog 3.3 V ± 5% VDD - Channel 2
N16
TxAVDD_3
****
Transmitter Analog 3.3 V ± 5% VDD - Channel 3
J2
TxAVDD_4
****
Transmitter Analog 3.3 V ± 5% VDD - Channel 4
J16
TxAVDD_5
****
Transmitter Analog 3.3 V ± 5% VDD - Channel 5
D2
TxAGND_0
****
Transmitter Analog GND - Channel 0
M2
TxAGND_1
****
Transmitter Analog GND - Channel 1
D16
TxAGND_2
****
Transmitter Analog GND - Channel 2
M16
TxAGND_3
****
Transmitter Analog GND - Channel 3
H2
TxAGND_4
****
Transmitter Analog GND - Channel 4
H16
TxAGND_5
****
Transmitter Analog GND - Channel 5
A4
RxAVDD_0
****
Receiver Analog 3.3 V ± 5% VDD - Channel 0
U4
RxAVDD_1
****
Receiver Analog 3.3 V ± 5% VDD - Channel 1
A15
RxAVDD_2
****
Receiver Analog 3.3 V ± 5% VDD - Channel 2
U15
RxAVDD_3
****
Receiver Analog 3.3 V ± 5% VDD - Channel 3
A8
RxAVDD_4
****
Receiver Analog 3.3 V ± 5% VDD - Channel 4
U8
RxAVDD_5
****
Receiver Analog 3.3 V ± 5% VDD - Channel 5
A7
RxAGND_0
****
Receiver Analog GND - Channel_0
U7
RxAGND_1
****
Receive Analog GND - Channel 1
A12
RxAGND_2
****
Receive Analog GND - Channel 2
U12
RxAGND_3
****
Receive Analog GND - Channel 3
A11
RxAGND_4
****
Receive Analog GND - Channel 4
U11
RxAGND_5
****
Receive Analog GND - Channel 5
E4
JaAVDD_0
****
Analog 3.3 V ± 5% VDD - Jitter Attenuator Channel 0
K4
JaAVDD_1
****
Analog 3.3 V ± 5% VDD - Jitter Attenuator Channel 1
E14
JaAVDD_2
****
Analog 3.3 V ± 5% VDD - Jitter Attenuator Channel 2
K14
JaAVDD_3
****
Analog 3.3 V ± 5% VDD - Jitter Attenuator Channel 3
G4
JaAVDD_4
****
Analog 3.3 V ± 5% VDD - Jitter Attenuator Channel 4
G14
JaAVDD_5
****
Analog 3.3 V ± 5% VDD - Jitter attenuator Channel 5
F4
JaAGND_0
****
Analog GND - Jitter Attenuator Channel 0


Similar Part No. - XRT75R06

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R06D EXAR-XRT75R06D Datasheet
1Mb / 105P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R06DIB EXAR-XRT75R06DIB Datasheet
1Mb / 105P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
More results

Similar Description - XRT75R06

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L06 EXAR-XRT75L06 Datasheet
649Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R03 EXAR-XRT75R03 Datasheet
1Mb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L06 EXAR-XRT73L06 Datasheet
636Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75L03 EXAR-XRT75L03 Datasheet
818Kb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12 EXAR-XRT75R12 Datasheet
786Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L04 EXAR-XRT75L04 Datasheet
997Kb / 57P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com