Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XRT75R03 Datasheet(PDF) 4 Page - Exar Corporation

Part No. XRT75R03
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
Download  92 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EXAR [Exar Corporation]
Homepage  http://www.exar.com
Logo 

XRT75R03 Datasheet(HTML) 4 Page - Exar Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
XRT75R03
xr
REV. 1.0.7
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
I
GENERAL DESCRIPTION .................................................................................................1
FEATURES .........................................................................................................................1
APPLICATIONS................................................................................................................................................1
FIGURE 1. BLOCK DIAGRAM OF THE XRT 75R03.............................................................................................................................. 2
TRANSMIT INTERFACE CHARACTERISTICS ........................................................................................................2
RECEIVE INTERFACE CHARACTERISTICS..........................................................................................................2
FIGURE 2. PIN OUT OF THE XRT75R03 ........................................................................................................................................... 3
ORDERING INFORMATION.....................................................................................................................3
PIN DESCRIPTIONS (BY FUNCTION) ..............................................................................4
SYSTEM-SIDE TRANSMIT INPUT AND TRANSMIT CONTROL PINS .......................................................................4
TRANSMIT LINE SIDE PINS..............................................................................................................................8
SYSTEM-SIDE RECEIVE OUTPUT AND RECEIVE CONTROL PINS ......................................................................10
RECEIVE LINE SIDE PINS ..............................................................................................................................17
GENERAL CONTROL PINS .............................................................................................................................18
CONTROL AND ALARM INTERFACE.................................................................................................................20
JITTER ATTENUATOR INTERFACE...................................................................................................................20
POWER SUPPLY AND GROUND PINS .............................................................................................................22
XRT75R03 PIN LISTING IN NUMERICAL ORDER ............................................................................................24
1.0 R3 TECHNOLOGY (RECONFIGURABLE, RELAYLESS REDUNDANCY) ........................................29
1.1 NETWORK ARCHITECTURE ......................................................................................................................... 29
FIGURE 3. NETWORK REDUNDANCY ARCHITECTURE ...................................................................................................................... 29
1.2 POWER FAILURE PROTECTION .................................................................................................................. 29
1.3 SOFTWARE VS HARDWARE AUTOMATIC PROTECTION SWITCHING ................................................... 29
2.0 ELECTRICAL CHARACTERISTICS ....................................................................................................30
TABLE 1: ABSOLUTE MAXIMUM RATINGS......................................................................................................................................... 30
TABLE 2: DC ELECTRICAL CHARACTERISTICS: ................................................................................................................................ 30
3.0 TIMING CHARACTERISTICS ..............................................................................................................31
FIGURE 4. TYPICAL INTERFACE BETWEEN TERMINAL EQUIPMENT AND THE XRT75R03 (DUAL-RAIL DATA) .......................................... 31
FIGURE 5. TRANSMITTER TERMINAL INPUT TIMING .......................................................................................................................... 31
FIGURE 6. RECEIVER DATA OUTPUT AND CODE VIOLATION TIMING ................................................................................................... 32
FIGURE 7. TRANSMIT PULSE AMPLITUDE TEST CIRCUIT FOR E3, DS3 AND STS-1 RATES................................................................. 32
4.0 LINE SIDE CHARACTERISTICS: ........................................................................................................33
4.1 E3 LINE SIDE PARAMETERS: ...................................................................................................................... 33
FIGURE 8. PULSE MASK FOR E3 (34.368 MBITS/S) INTERFACE AS PER ITU-T G.703 ......................................................................... 33
TABLE 3: E3 TRANSMITTER LINE SIDE OUTPUT AND RECEIVER LINE SIDE INPUT SPECIFICATIONS........................................................ 34
FIGURE 9. BELLCORE GR-253 CORE TRANSMIT OUTPUT PULSE TEMPLATE FOR SONET STS-1 APPLICATIONS............................. 35
TABLE 4: STS-1 PULSE MASK EQUATIONS ..................................................................................................................................... 35
TABLE 5: STS-1 TRANSMITTER LINE SIDE OUTPUT AND RECEIVER LINE SIDE INPUT SPECIFICATIONS (GR-253) .............................. 36
FIGURE 10. TRANSMIT OUPUT PULSE TEMPLATE FOR DS3 AS PER BELLCORE GR-499 ................................................................... 37
TABLE 6: DS3 PULSE MASK EQUATIONS ........................................................................................................................................ 37
TABLE 7: DS3 TRANSMITTER LINE SIDE OUTPUT AND RECEIVER LINE SIDE INPUT SPECIFICATIONS (GR-499) ................................. 38
FIGURE 11. MICROPROCESSOR SERIAL INTERFACE STRUCTURE...................................................................................................... 38
FIGURE 12. TIMING DIAGRAM FOR THE MICROPROCESSOR SERIAL INTERFACE ................................................................................ 39
TABLE 8: MICROPROCESSOR SERIAL INTERFACE TIMINGS ( TA = 250C, VDD=3.3V± 5% AND LOAD = 10PF) .................................. 39
FUNCTIONAL DESCRIPTION: ........................................................................................40
5.0 THE TRANSMITTER SECTION: ..........................................................................................................40
FIGURE 13. SINGLE-RAIL OR NRZ DATA FORMAT (ENCODER AND DECODER ARE ENABLED) ............................................................ 40
FIGURE 14. DUAL-RAIL DATA FORMAT (ENCODER AND DECODER ARE DISABLED) ............................................................................. 40
5.1 TRANSMIT CLOCK: ....................................................................................................................................... 41
5.2 B3ZS/HDB3 ENCODER: ................................................................................................................................. 41
5.2.1 B3ZS ENCODING: ...................................................................................................................................................... 41
FIGURE 15. B3ZS ENCODING FORMAT ........................................................................................................................................... 41
5.2.2 HDB3 ENCODING:...................................................................................................................................................... 41
FIGURE 16. HDB3 ENCODING FORMAT .......................................................................................................................................... 41
5.3 TRANSMIT PULSE SHAPER: ........................................................................................................................ 42
5.3.1 GUIDELINES FOR USING TRANSMIT BUILD OUT CIRCUIT: ................................................................................. 42
5.3.2 INTERFACING TO THE LINE: .................................................................................................................................... 42
5.4 TRANSMIT DRIVE MONITOR: ....................................................................................................................... 43
FIGURE 17. TRANSMIT DRIVER MONITOR SET-UP. ........................................................................................................................... 43
5.5 TRANSMITTER SECTION ON/OFF: .............................................................................................................. 43


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn