Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT75R03 Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT75R03
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R03 Datasheet(HTML) 3 Page - Exar Corporation

  XRT75R03 Datasheet HTML 1Page - Exar Corporation XRT75R03 Datasheet HTML 2Page - Exar Corporation XRT75R03 Datasheet HTML 3Page - Exar Corporation XRT75R03 Datasheet HTML 4Page - Exar Corporation XRT75R03 Datasheet HTML 5Page - Exar Corporation XRT75R03 Datasheet HTML 6Page - Exar Corporation XRT75R03 Datasheet HTML 7Page - Exar Corporation XRT75R03 Datasheet HTML 8Page - Exar Corporation XRT75R03 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
xr
XRT75R03
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
REV. 1.0.7
3
FIGURE 2. PIN OUT OF THE XRT75R03
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
XRT75R03IV
128 Pin LQFP
- 40°C to + 85°C
RLOL_2
RLOS_2
ICT
RLOL_0
RLOS_0
RxDGND_0
RPOS_0
RNEG_0/LCV_0
RxClk_0
RxDVDD_0
RxDVDD_2
RPOS_2
RNEG_2/LCV_2
RxClk_2
RxDGND_2
AGND_0
JAGND_2
JAGND_0
JAVDD_0
JAVDD_2
JA0
JATx/Rx
JA1
TxAGND_0
DMO_0
TxAVDD_0
RLOL_1
RLOS_1
EXDGND
SFM_EN
E3Clk/CLK_EN
DS3Clk/CLK_OUT
STS-1Clk/12M
EXDVDD
RxDVDD_1
RPOS_1
RNEG_1/LCV_1
RxClk_1
RxDGND_1
AGND_1
JADGND
JAGND_1
JADVDD
JAVDD_1
REFAVDD
RXA
RXB
REFGND
TxON_2
TxAGND_1
DMO_1
TxAVDD_1
XRT75R03
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39


Similar Part No. - XRT75R03

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R03D EXAR-XRT75R03D Datasheet
803Kb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
XRT75R03D EXAR-XRT75R03D Datasheet
850Kb / 135P
   EXAR DATA SHEET FORMAT TEMPLATES
XRT75R03DIV EXAR-XRT75R03DIV Datasheet
803Kb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
XRT75R03DIV EXAR-XRT75R03DIV Datasheet
850Kb / 135P
   EXAR DATA SHEET FORMAT TEMPLATES
XRT75R03D EXAR-XRT75R03D_06 Datasheet
850Kb / 135P
   EXAR DATA SHEET FORMAT TEMPLATES
More results

Similar Description - XRT75R03

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L03 EXAR-XRT75L03 Datasheet
818Kb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L06 EXAR-XRT75L06 Datasheet
649Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12 EXAR-XRT75R12 Datasheet
786Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R06 EXAR-XRT75R06 Datasheet
666Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L04 EXAR-XRT75L04 Datasheet
997Kb / 57P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_07 Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_15 Datasheet
2Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com