Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT75L04IV Datasheet(PDF) 41 Page - Exar Corporation

Part # XRT75L04IV
Description  FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75L04IV Datasheet(HTML) 41 Page - Exar Corporation

Back Button XRT75L04IV Datasheet HTML 37Page - Exar Corporation XRT75L04IV Datasheet HTML 38Page - Exar Corporation XRT75L04IV Datasheet HTML 39Page - Exar Corporation XRT75L04IV Datasheet HTML 40Page - Exar Corporation XRT75L04IV Datasheet HTML 41Page - Exar Corporation XRT75L04IV Datasheet HTML 42Page - Exar Corporation XRT75L04IV Datasheet HTML 43Page - Exar Corporation XRT75L04IV Datasheet HTML 44Page - Exar Corporation XRT75L04IV Datasheet HTML 45Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
XRT75L04
39
REV. 1.0.4
FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
signal (TxClk or RxClk) and clocked out of the FIFO with the dejittered clock. When the FIFO is within two bits
of overflowing or underflowing, the FIFO limit status bit, FL_n is set to “1” in the Alarm status register. Reading
this bit clears the FIFO and resets the bit into default state.
NOTE: It is recommended to select the 16-bit FIFO for delay-sensitive applications as well as for removing smaller amounts
of jitter. Table 13 specifies the jitter transfer mask requirements for various data rates:
The jitter attenuator in the XRT75L04 meets the latest jitter attenuation specifications and/or jitter transfer
characteristics as shown in the Figure 24.
TABLE 13: JITTER TRANSFER PASS MASKS
RATE
(KBITS)
MASK
F1
(HZ)
F2
(HZ)
F3
(HZ)
F4
(KHZ)
A1(dB)
A2(dB)
34368
G.823
ETSI-TBR-24
100
300
3K
800K
0.5
-19.5
44736
GR-499, Cat I
GR-499, Cat II
GR-253 CORE
10
10
10
10k
56.6k
40
-
-
-
15k
300k
15k
0.1
0.1
0.1
-
-
-
51840
GR-253 CORE
10
40k
-
400k
0.1
-
FIGURE 24. JITTER TRANSFER REQUIREMENTS AND JITTER ATTENUATOR PERFORMANCE
F1
A1
F2
J IT T E R F R E Q UE NCY (k H z )
A2
F3
F4


Similar Part No. - XRT75L04IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L04D EXAR-XRT75L04D Datasheet
935Kb / 98P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L04DIV EXAR-XRT75L04DIV Datasheet
935Kb / 98P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
More results

Similar Description - XRT75L04IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R12 EXAR-XRT75R12_07 Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12 EXAR-XRT75R12_15 Datasheet
2Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12_0710 EXAR-XRT75R12_0710 Datasheet
541Kb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L02 EXAR-XRT75L02 Datasheet
323Kb / 50P
   TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R03 EXAR-XRT75R03 Datasheet
1Mb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L06 EXAR-XRT75L06 Datasheet
649Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L03 EXAR-XRT75L03 Datasheet
818Kb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com