Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT75L03D Datasheet(PDF) 87 Page - Exar Corporation

Part # XRT75L03D
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75L03D Datasheet(HTML) 87 Page - Exar Corporation

Back Button XRT75L03D Datasheet HTML 83Page - Exar Corporation XRT75L03D Datasheet HTML 84Page - Exar Corporation XRT75L03D Datasheet HTML 85Page - Exar Corporation XRT75L03D Datasheet HTML 86Page - Exar Corporation XRT75L03D Datasheet HTML 87Page - Exar Corporation XRT75L03D Datasheet HTML 88Page - Exar Corporation XRT75L03D Datasheet HTML 89Page - Exar Corporation XRT75L03D Datasheet HTML 90Page - Exar Corporation XRT75L03D Datasheet HTML 91Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 134 page
background image
áç
áç
áç
áç
XRT75L03D
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
REV. 1.0.0
82
1
STS-1/
DS3_n
R/W
0
STS-1/DS3 Mode Select - Channel_n:
This READ/WRITE bit-field, along with Bit 2 (E3_n) is used
to configure a given channel (within the XRT75L03D) into
either the DS3, E3 or STS-1 Modes.
0 - Configures Channel_n to operate in the DS3 Mode
(provided by Bit 2 [E3_n], within this same register) has
been set to "0").
1 - Configures Channel_n to operate in the STS-1 Mode
(provided that Bit 2 [E3_n], within the same register) has
been set to "0".
NOTE: This bit-field is ignored if Bit 2 (E3_n) has been set
to "1". In this case, Channel_n will be configured
to operate in the E3 Mode.
0
SR/DR_n
R/W
0
Single-Rail/Dual-Rail Select - Channel_n:
This READ/WRITE bit-field is used to configure Channel_n
to operate in either the Single-Rail or Dual-Rail Mode.
If the user configures the Channel to operate in the Single-
Rail Mode, then all of the following will happen.
The B3ZS/HDB3 Encoder and Decoder blocks (within
Channel_n) will be enabled.
The Transmit Section of Channel_n will accept all of the
outbound data (from the System-side Equipment) via the
TPDATA_n (or TxDATA_n) input pin.
The Receive Section of each channel will output all of
the recovered data (to the System-side Equipment) via
the RPOS_n output pin.
The corresponding RNEG_n/LCV_n output pin will now
function as the LCV (Line Code Violation or Excessive
Zero Event) indicator output pin for Channel_n.
If the user configures Channel_n to operate in the Dual-
Rail Mode, then all of the following will happen.
The B3ZS/HDB3 Encoder and Decoder blocks of
Channel_n will be disabled.
The Transmit Section of Channel_n will be configured to
accept positive-polarity data via the TPDATA_n input pin
and negative-polarity data via the TNDATA_n input pin.
The Receive Section of Channel_n will pulse the
RPOS_n output pin "High" (for one period of RCLK_n)
for each time a positive-polarity pulse is received via the
RTIP_n/RRING_n input pins.
Likewise, the Receive
Section of each channel will also pulse the RNEG_n
output pin "High" (for one period of RCLK_n) for each
time a negative-polarity pulse is received via the
RTIP_n/RRING_n input pins.
0 - Configures Channel_n to operate in the Dual-Rail
Mode.
1 - Configures Channel_n to operate in the Single-Rail
Mode.
BIT NUMBER
NAME
TYPE
DEFAULT
VALUE
DESCRIPTION


Similar Part No. - XRT75L03D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L03 EXAR-XRT75L03 Datasheet
818Kb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L03IV EXAR-XRT75L03IV Datasheet
818Kb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
More results

Similar Description - XRT75L03D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L00D EXAR-XRT75L00D Datasheet
894Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75VL00D EXAR-XRT75VL00D Datasheet
836Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L04D EXAR-XRT75L04D Datasheet
935Kb / 98P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R06D EXAR-XRT75R06D Datasheet
1Mb / 105P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R12D EXAR-XRT75R12D Datasheet
1Mb / 131P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L06D EXAR-XRT75L06D Datasheet
1Mb / 103P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R03D EXAR-XRT75R03D Datasheet
803Kb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D_07 Datasheet
856Kb / 133P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D_06 Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com