Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT75L02IV Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT75L02IV
Description  TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75L02IV Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT75L02IV Datasheet HTML 3Page - Exar Corporation XRT75L02IV Datasheet HTML 4Page - Exar Corporation XRT75L02IV Datasheet HTML 5Page - Exar Corporation XRT75L02IV Datasheet HTML 6Page - Exar Corporation XRT75L02IV Datasheet HTML 7Page - Exar Corporation XRT75L02IV Datasheet HTML 8Page - Exar Corporation XRT75L02IV Datasheet HTML 9Page - Exar Corporation XRT75L02IV Datasheet HTML 10Page - Exar Corporation XRT75L02IV Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
XRT75L02
xr
xr
xr
xr
TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
REV. 1.0.3
5
30
TxClkINV/
SClk
I
Hardware Mode: Transmit Clock Invert
Host Mode: Serial Clock Input:
Function of this pin depends on whether the XRT75L02 is configured to operate
in Hardware mode or Host mode.
In Hardware mode, setting this input pin “High” configures all the Transmitters
to sample the TPOS_n and TNEG_n data on the rising edge of the TxClk_n .
NOTES:
1.
If the XRT75L02 is configured in HOST mode, this pin functions as
SClk input pin (please refer to the pin description for Microprocessor
interface).
82
TxMON
I
Transmitter Monitor:
When this pin is pulled “High”, MTIP and MRING are connected internally to
TTIP and TRING and allows self monitoring of the transmitter.
74
52
TxLEV_0
TxLEV_1
I
Transmit Line Build-Out Enable/Disable Select - Channel 0:
Transmit Line Build-Out Enable/Disable Select - Channel 1:
These input pins select the Transmit Line Build-Out circuit.
Setting these pins to "High" disables the Line Build-Out circuit of Channel n. In
this mode, Channel n outputs partially-shaped pulses onto the line via the
TTIP_n and TRing_n output pins.
Setting these pins to "Low" enables the Line Build-Out circuit of Channel n. In
this mode, Channel n outputs shaped pulses onto the line via the TTIP_n and
TRing_n output pins.
To comply with the Isolated DSX-3/STSX-1 Pulse Template Requirements per
Bellcore GR-499-CORE or Bellcore GR-253-CORE:
1. Set these pins to "1" if the cable length between the Cross-Connect and the
transmit output of Channel is greater than 225 feet.
2. Set these pins to "0" if the cable length between the Cross-Connect and the
transmit output of Channel is less than 225 feet.
These pins are active only if the following two conditions are true:
a. The XRT75L02 is configured to operate in either the DS3 or SONET STS-1
Modes.
b. The XRT75L02 is configured to operate in the Hardware Mode.
NOTES:
1.
These pins are internally pulled down.
2.
If the XRT75L02 is configured in HOST mode, these pins should be
tied to GND.
75
51
TAOS_0
TAOS_1
I
Transmit All Ones Select - Channel 0:
Transmit All Ones Select - Channel 1:
A “High" on this pin causes the Transmitter Section of Channel_n to generate
and transmit a continuous AMI all “1’s” pattern onto the line. The frequency of
this “1’s” pattern is determined by TxClk_n.
NOTES:
1.
This input pin is ignored if the XRT75L02 is operating in the HOST
Mode and should be tied to GND.
2.
Analog Loopback and Remote Loopback have priority over request.
3.
This pin is internally pulled down.
TRANSMIT INTERFACE
PIN #
SIGNAL NAME
TYPE
DESCRIPTION


Similar Part No. - XRT75L02IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L00D EXAR-XRT75L00D Datasheet
894Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L00DIV EXAR-XRT75L00DIV Datasheet
894Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L00IV EXAR-XRT75L00IV Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L03 EXAR-XRT75L03 Datasheet
818Kb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
More results

Similar Description - XRT75L02IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L04 EXAR-XRT75L04 Datasheet
997Kb / 57P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_07 Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT73L02M EXAR-XRT73L02M Datasheet
632Kb / 46P
   TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75R12 EXAR-XRT75R12_15 Datasheet
2Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12_0710 EXAR-XRT75R12_0710 Datasheet
541Kb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R03 EXAR-XRT75R03 Datasheet
1Mb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L06 EXAR-XRT75L06 Datasheet
649Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com