Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ABT162240 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. 74ABT162240
Description  16-bit inverting buffer/driver with 30ohm series termination resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT162240 Datasheet(HTML) 3 Page - NXP Semiconductors

  74ABT162240 Datasheet HTML 1Page - NXP Semiconductors 74ABT162240 Datasheet HTML 2Page - NXP Semiconductors 74ABT162240 Datasheet HTML 3Page - NXP Semiconductors 74ABT162240 Datasheet HTML 4Page - NXP Semiconductors 74ABT162240 Datasheet HTML 5Page - NXP Semiconductors 74ABT162240 Datasheet HTML 6Page - NXP Semiconductors 74ABT162240 Datasheet HTML 7Page - NXP Semiconductors 74ABT162240 Datasheet HTML 8Page - NXP Semiconductors 74ABT162240 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74ABT162240
74ABTH162240
16-bit inverting buffer/driver with 30
Ω series
termination resistors (3-State)
1998 Feb 25
3
LOGIC SYMBOL (IEEE/IEC)
48
EN1
1
46
44
43
41
40
38
37
36
EN2
EN3
EN4
1
2
1
3
1
4
1
1
25
24
47
35
33
32
30
29
27
26
3
2
5
6
8
9
11
12
13
14
16
17
19
20
22
23
SH00085
1OE
2OE
3OE
4OE
1A1
1A2
1A3
1A4
2A1
2A2
2A3
3A1
3A2
3A3
3A4
4A1
4A2
4A3
4A4
1Y1
1Y2
1Y3
1Y4
2Y1
2Y2
2Y3
2Y4
3Y1
3Y2
3Y3
3Y4
4Y1
4Y4
2A4
4Y2
4Y3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1Y0
1Y1
GND
1Y2
1Y3
2Y0
2Y1
GND
2Y2
2Y3
3Y0
3Y1
GND
3Y4
VCC
4Y0
VCC
3Y2
4Y1
GND
4Y3
4OE
4Y2
2OE
1A0
1A1
GND
1A2
1A3
2A0
2A1
GND
2A2
2A3
3A0
3A1
GND
3A3
VCC
4A0
VCC
3A2
4A1
GND
4A3
3OE
4A2
SA00013
FUNCTION TABLE
Inputs
Outputs
nOE
nAx
nYx
L
L
H
L
H
L
H
X
Z
H = High voltage level
L = Low voltage level
X = Don’t care
Z = High Impedance “off ” state


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74LVC162244A 16-bit buffer/line driver; with 30ohm series termination resistors 5V input/output tolerant 3-State 1  2  3  4  5  More NXP Semiconductors
74ALVT162240 16-bit inverting buffer/driver with 30ohm termination resistors 3-State 1  2  3  4  5  More NXP Semiconductors
74ABT162244 16-bit buffer/line driver with 30ohm series termination resistors 3-State 1  2  3  4  5  More NXP Semiconductors
74ABT162245A 16-Bit bus transceiver with 30ohm series termination resistors 3-State 1  2  3  4  5  More NXP Semiconductors
74LVT162240A 3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State 1  2  3  4  5  More NXP Semiconductors
74ABT2240 Octal inverting buffer with 30ohm series termination resistors 3-State 1  2  3  4  5  More NXP Semiconductors
74LVC162245A 16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State 1  2  3  4  5  More NXP Semiconductors
74ALVC162240 Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVTH162240 Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1  2  3  4  5  More Fairchild Semiconductor
74ALVC162334A 16-bit registered driver with inverted register enable and 30ohm termination resistors 3-State 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn