Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT162240 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74ABT162240
Description  16-bit inverting buffer/driver with 30ohm series termination resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT162240 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74ABT162240 Datasheet HTML 4Page - NXP Semiconductors 74ABT162240 Datasheet HTML 5Page - NXP Semiconductors 74ABT162240 Datasheet HTML 6Page - NXP Semiconductors 74ABT162240 Datasheet HTML 7Page - NXP Semiconductors 74ABT162240 Datasheet HTML 8Page - NXP Semiconductors 74ABT162240 Datasheet HTML 9Page - NXP Semiconductors 74ABT162240 Datasheet HTML 10Page - NXP Semiconductors 74ABT162240 Datasheet HTML 11Page - NXP Semiconductors 74ABT162240 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Philips Semiconductors
Product specification
74ABT162240
74ABTH162240
16-bit inverting buffer/driver with 30
Ω Series
Termination Resistors (3-State)
1998 Feb 25
10
TSSOP48:
plastic thin shrink small outline package; 48 leads; body width 6.1mm
SOT362-1


Similar Part No. - 74ABT162240

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
logo
Fairchild Semiconductor
74ABT162244 FAIRCHILD-74ABT162244 Datasheet
92Kb / 7P
   16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
logo
NXP Semiconductors
74ABT162244 NXP-74ABT162244 Datasheet
91Kb / 14P
   16-bit buffer/line driver with 30 W series termination resistors; 3-state
Rev. 04-9 April 2009
logo
Nexperia B.V. All right...
74ABT162244 NEXPERIA-74ABT162244 Datasheet
212Kb / 11P
   16-bit buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 7 - 2 July 2021
logo
Fairchild Semiconductor
74ABT162244CMTD FAIRCHILD-74ABT162244CMTD Datasheet
92Kb / 7P
   16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
More results

Similar Description - 74ABT162240

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74LVT162244B PHILIPS-74LVT162244B Datasheet
77Kb / 10P
   3.3V 16-bit buffer/driver with 30ohm termination resistors
1998 Oct 07
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ABT162827A PHILIPS-74ABT162827A Datasheet
78Kb / 11P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Feb 27
74ALVCH162827 PHILIPS-74ALVCH162827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Sep 29
74ALVT162827 PHILIPS-74ALVT162827 Datasheet
83Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162244 PHILIPS-74ALVT162244 Datasheet
86Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
   Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com